Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2020 Datasheet (PDF) - Analog Devices

EL2020 Datasheet PDF - Analog Devices
Part # EL2020
Download  EL2020 Download
File Size   345.54 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Improved Second Source to the EL2020

EL2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2020 Datasheet PDF - Analog Devices

Part # EL2020
Download  EL2020 Click to download

File Size   345.54 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Improved Second Source to the EL2020

EL2020 Datasheet (HTML) - Analog Devices


EL2020 Product details

GENERAL DESCRIPTION
The ADEL2020 is an improved second source to the EL2020. This op amp improves on all the key dynamic specifications while offering lower power and lower cost. The ADEL2020 offers 50% more bandwidth and gain flatness of 0.1 dB to beyond 25 MHz. In addition, differential gain and phase are less than 0.05% and 0.05° while driving one back terminated cable (150 Ω).

FEATURES
   Ideal for Video Applications
      0.02% Differential Gain
      0.04° Differential Phase
      0.1 dB Bandwidth to 25 MHz (G = +2)
   High Speed
      90 MHz Bandwidth (–3 dB)
      500 V/μs Slew Rate
      60 ns Settling Time to 0.1% (VO = 10 V Step)
   Low Noise
      2.9 nV/√Hz Input Voltage Noise
   Low Power
      6.8 mA Supply Current
      2.1 mA Supply Current (Power-Down Mode)
   High Performance Disable Function
      Turn-Off Time of 100 ns
      Input to Output Isolation of 54 dB (Off State)




Similar Part No. - EL2020

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2020 ELANTEC-EL2020 Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020 INTERSIL-EL2020 Datasheet
257Kb / 14P
50MHz Current Feedback Amplifier
December 1995
logo
Elantec Semiconductor
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
EL2020CM ELANTEC-EL2020CM Datasheet
409Kb / 20P
50 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2020CM INTERSIL-EL2020CM Datasheet
257Kb / 14P
50MHz Current Feedback Amplifier
December 1995
More results


Similar Description - EL2020

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTD205 PERKINELMER-VTD205 Datasheet
21Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD205K PERKINELMER-VTD205K Datasheet
21Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD206 PERKINELMER-VTD206 Datasheet
26Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD206K PERKINELMER-VTD206K Datasheet
26Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD31AA PERKINELMER-VTD31AA Datasheet
25Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD34 PERKINELMER-VTD34 Datasheet
24Kb / 1P
Alternate Source/ Second Source Photodiodes
VTD34F PERKINELMER-VTD34F Datasheet
42Kb / 1P
Alternate Source/ Second Source Photodiodes
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
logo
Analog Devices
ADEL2020 AD-ADEL2020_15 Datasheet
202Kb / 12P
Improved Second Source to the EL2020
REV. A
logo
STMicroelectronics
AN1019 STMICROELECTRONICS-AN1019 Datasheet
78Kb / 4P
Second source for SNAPHAT
01-Nov-2013
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com