Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2020 Datasheet(PDF) 2 Page - Analog Devices

Part # EL2020
Description  Improved Second Source to the EL2020
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EL2020 Datasheet(HTML) 2 Page - Analog Devices

  EL2020 Datasheet HTML 1Page - Analog Devices EL2020 Datasheet HTML 2Page - Analog Devices EL2020 Datasheet HTML 3Page - Analog Devices EL2020 Datasheet HTML 4Page - Analog Devices EL2020 Datasheet HTML 5Page - Analog Devices EL2020 Datasheet HTML 6Page - Analog Devices EL2020 Datasheet HTML 7Page - Analog Devices EL2020 Datasheet HTML 8Page - Analog Devices EL2020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADEL2020–SPECIFICATIONS
ADEL2020A
Parameter
Conditions
Temperature
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1.5
7.5
mV
TMIN–TMAX
2.0
10.0
mV
Offset Voltage Drift
7
µV/°C
COMMON-MODE REJECTION
VCM =
±10 V
VOS
TMIN–TMAX
50
64
dB
±Input Current
TMIN–TMAX
0.1
1.0
µA/V
POWER SUPPLY REJECTION
VS =
±4.5 V to ±18 V
VOS
TMIN–TMAX
65
72
dB
±Input Current
TMIN–TMAX
0.05
0.5
µA/V
INPUT BIAS CURRENT
–Input
TMIN–TMAX
0.5
7.5
µA
+Input
TMIN–TMAX
115
µA
INPUT CHARACTERISTICS
+Input Resistance
1
10
M
Ω
–Input Resistance
40
Ω
+Input Capacitance
2pF
OPEN-LOOP TRANSRESISTANCE
VO = ± 10 V
RL = 400
Ω
TMIN–TMAX
1
3.5
M
Ω
OPEN-LOOP DC VOLTAGE GAIN
RL = 400 Ω, VOUT = ± 10 V
TMIN–TMAX
80
100
dB
RL = 100
Ω, V
OUT =
±2.5 V T
MIN–TMAX
76
88
dB
OUTPUT VOLTAGE SWING
RL = 400 Ω
TMIN–TMAX
±12.0
±13.0
V
Short-Circuit Current
150
mA
Output Current
TMIN–TMAX
30
60
mA
POWER SUPPLY
Operating Range
±3.0
±18
V
Quiescent Current
TMIN–TMAX
6.8
10.0
mA
Power-Down Current
TMIN–TMAX
2.1
3.0
mA
Disable Pin Current
Disable Pin = 0 V
TMIN–TMAX
290
400
µA
Min Disable Pin Current to Disable
TMIN–TMAX
30
µA
DYNAMIC PERFORMANCE
3 dB Bandwidth
G = +1; RFB = 820
90
MHz
G = +2; RFB = 750
70
MHz
G = +10; RFB = 680
30
MHz
0.1 dB Bandwidth
G = +2; RFB = 750
25
MHz
Full Power Bandwidth
VO = 20 V p-p,
RL = 400 Ω
8
MHz
Slew Rate
RL = 400
Ω, G = +1
500
V/
µs
Settling Time to 0.1%
10 V Step, G = –1
60
ns
Differential Gain
f = 3.58 MHz
0.02
%
Differential Phase
f = 3.58 MHz
0.04
Degree
INPUT VOLTAGE NOISE
f = 1 kHz
2.9
nV/
√Hz
INPUT CURRENT NOISE
–IIN, f = 1 kHz
13
pA/
√Hz
+IIN, f = 1 kHz
1.5
pA
√Hz
OUTPUT RESISTANCE
Open Loop (5 MHz)
15
Ω
Specifications subject to change without notice.
REV. A
–2–
(@ TA = +25 C and VS =
15 V dc, RL = 150
Ω unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com