Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3200 Datasheet (PDF) - Integrated Circuit Systems

MK3200 Datasheet PDF - Integrated Circuit Systems
Part # MK3200
Download  MK3200 Download
File Size   36.38 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 32.768 kHz Clock Oscillator

MK3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3200 Datasheet PDF - Integrated Circuit Systems

Part # MK3200
Download  MK3200 Click to download

File Size   36.38 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 32.768 kHz Clock Oscillator

MK3200 Datasheet (HTML) - Integrated Circuit Systems


MK3200 Product details

Description
The MK3200 is ICS’ lowest cost, low power clock oscillator that generates a low power 32.768 kHz output from an inexpensive 32.768 kHz watch crystal. This part includes a power down pin and allows you to tri state the output clock for in-circuit testing.

Features
• Packaged in 8 pin SOIC
• Operates from 2.5 V to 5 V
• Consumes only 3.5 µA in normal operation
• Accepts an inexpensive 32.768 kHz crystal input
• Offers power down mode
• Includes an Output Enable pin to tri state the output for in-circuit testing
• Advanced, low power, sub-micron CMOS process
• For other 32.768 kHz-based clocks with MHz outputs, please consult ICS
• Industrial temperature version available




Similar Part No. - MK3200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
32.768 KHZ CLOCK OSCILLATOR
073012
More results


Similar Description - MK3200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-327SMO ETC1-ECS-327SMO Datasheet
54Kb / 1P
32.768 KHz SMD CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
379Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
32.768 KHZ CLOCK OSCILLATOR
073012
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com