Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3200 Datasheet (PDF) - Renesas Technology Corp

MK3200 Datasheet PDF - Renesas Technology Corp
Part # MK3200
Download  MK3200 Download
File Size   274.23 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32.768 KHZ CLOCK OSCILLATOR

MK3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3200 Datasheet PDF - Renesas Technology Corp

Part # MK3200
Download  MK3200 Click to download

File Size   274.23 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32.768 KHZ CLOCK OSCILLATOR

MK3200 Datasheet (HTML) - Renesas Technology Corp


MK3200 Product details

Features
• Packaged in 8-pin SOIC or 8-pin MSOP (3.00 mm body)
• Pb (lead) free package
• Operates from 2.5 V to 5 V
• Consumes only 3.5 μA in normal operation
• Accepts an inexpensive 32.768 kHz crystal input
• Offers power down mode
• Includes an Output Enable pin to tri-state the output for
in-circuit testing
• Advanced, low power, sub-micron CMOS process
• For other 32.768 kHz-based clocks with MHz outputs,
please consult IDT
• Industrial temperature version available




Similar Part No. - MK3200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3200 ICST-MK3200 Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
MK32000SITR ICST-MK32000SITR Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
MK3200S ICST-MK3200S Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
MK3200SI ICST-MK3200SI Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
MK3200STR ICST-MK3200STR Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
More results


Similar Description - MK3200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3200 ICST-MK3200 Datasheet
36Kb / 4P
32.768 kHz Clock Oscillator
Revision 101001
logo
List of Unclassifed Man...
ECS-327SMO ETC1-ECS-327SMO Datasheet
54Kb / 1P
32.768 KHz SMD CLOCK OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
379Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com