Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT273 Datasheet (PDF) - ON Semiconductor

HCT273 Datasheet PDF - ON Semiconductor
Part # HCT273
Download  HCT273 Download
File Size   152.26 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs

HCT273 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT273 Datasheet PDF - ON Semiconductor

Part # HCT273
Download  HCT273 Click to download

File Size   152.26 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs

HCT273 Datasheet (HTML) - ON Semiconductor


HCT273 Product details

Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs

High−Performance Silicon−Gate CMOS



The MC74HCT273A may be used as a level converter for interfacing TTL or NMOS outputs to High−Speed CMOS inputs. The HCT273A is identical in pinout to the LS273.

This device consists of eight D flip−flops with common Clock and Reset inputs. Each flip−flop is loaded with a low−to−high transition of the Clock input. Reset is asynchronous and active low.



Features

• Output Drive Capability: 10 LSTTL Loads

• TTL/NMOS Compatible Input Levels

• Outputs Directly Interface to CMOS, NMOS and TTL

• Operating Voltage Range: 4.5 V to 5.5 V

• Low Input Current: 1.0 μA

• In Compliance with the Requirements Defined by JEDEC Standard No. 7 A

• Chip Complexity: 284 FETs or 71 Equivalent Gates

• These Devices are Pb−Free and are RoHS Compliant



 




Similar Part No. - HCT273

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCT273 MOTOROLA-HCT273 Datasheet
131Kb / 5P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
STMicroelectronics
HCT273 STMICROELECTRONICS-HCT273 Datasheet
69Kb / 9P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
Nov-1999
More results


Similar Description - HCT273

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
MC74HCT273A MOTOROLA-MC74HCT273A Datasheet
131Kb / 5P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
MC74HCT74A MOTOROLA-MC74HCT74A Datasheet
187Kb / 5P
Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_11 Datasheet
141Kb / 7P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
MC74HCT273A ONSEMI-MC74HCT273A_14 Datasheet
118Kb / 6P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com