Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT273 Datasheet (PDF) - STMicroelectronics

HCT273 Datasheet PDF - STMicroelectronics
Part # HCT273
Download  HCT273 Download
File Size   69.68 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE FLIP FLOP WITH CLEAR

HCT273 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT273 Datasheet PDF - STMicroelectronics

Part # HCT273
Download  HCT273 Click to download

File Size   69.68 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE FLIP FLOP WITH CLEAR

HCT273 Datasheet (HTML) - STMicroelectronics


HCT273 Product details

DESCRIPTION
The 74VHCT273A is an advanced high-speed CMOS OCTAL D-TYPE FLIP FLOP WITH CLEAR fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.

■ HIGH SPEED: fMAX = 170 MHz (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 4 µA (MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN.), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 273
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.9V (MAX.)




Similar Part No. - HCT273

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCT273 MOTOROLA-HCT273 Datasheet
131Kb / 5P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
HCT273 ONSEMI-HCT273 Datasheet
152Kb / 8P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
More results


Similar Description - HCT273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com