Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT273 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCT273
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCT273 Datasheet(HTML) 2 Page - STMicroelectronics

  HCT273 Datasheet HTML 1Page - STMicroelectronics HCT273 Datasheet HTML 2Page - STMicroelectronics HCT273 Datasheet HTML 3Page - STMicroelectronics HCT273 Datasheet HTML 4Page - STMicroelectronics HCT273 Datasheet HTML 5Page - STMicroelectronics HCT273 Datasheet HTML 6Page - STMicroelectronics HCT273 Datasheet HTML 7Page - STMicroelectronics HCT273 Datasheet HTML 8Page - STMicroelectronics HCT273 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
INPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCT ION
1
CLEAR
Asyncronous Master
Reset (Active LOW)
2, 5, 6, 9,
12, 15, 16,
19
Q0 to Q7
Flip-Flop Outputs
3, 4, 7, 8,
13, 14, 17,
18
D0 to D7
Data Inputs
11
CLOCK
Clock Input
(LOW-to-HIGH, Edge-
Triggered)
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
TRUTH TABLE
I NPUTS
OUT PUT S
F UNCTIO N
CL EAR
D
CLO CK
Q
L
X
X
L
CLEAR
HL
L
HH
H
HX
Qn
NO CHANGE
X:Don’t Care
Thislogic diagram has notbe used to esimate propagation delays
74VHCT273A
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com