Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT273 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCT273
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCT273 Datasheet(HTML) 1 Page - STMicroelectronics

  HCT273 Datasheet HTML 1Page - STMicroelectronics HCT273 Datasheet HTML 2Page - STMicroelectronics HCT273 Datasheet HTML 3Page - STMicroelectronics HCT273 Datasheet HTML 4Page - STMicroelectronics HCT273 Datasheet HTML 5Page - STMicroelectronics HCT273 Datasheet HTML 6Page - STMicroelectronics HCT273 Datasheet HTML 7Page - STMicroelectronics HCT273 Datasheet HTML 8Page - STMicroelectronics HCT273 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74VHCT273A
OCTAL D-TYPE FLIP FLOP WITH CLEAR
November 1999
s
HIGH SPEED:
fMAX = 170 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 273
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (Max.)
DESCRIPTION
The 74VHCT273A is an advanced high-speed
CMOS OCTAL
D-TYPE FLIP FLOP WITH
CLEAR fabricated with sub-micron silicon gate
and
double-layer
metal
wiring
C
2MOS
technology.
Information signals applied to D inputs are
transfered to the Q outputs on the positive going
edge of the clock pulse.
When the CLEAR input is held low, the Q outputs
are held low independently of the other inputs .
Power down protection is provided on all inputs
and outputs and 0 to 7V can be accepted on
inputs with no regard to the supply voltage. This
device can be used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74VHCT273AM
74VHCT273AT
M
(Micro Package)
T
(TSSOP Package)
®
1/9


Similar Part No. - HCT273

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCT273 MOTOROLA-HCT273 Datasheet
131Kb / 5P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
HCT273 ONSEMI-HCT273 Datasheet
152Kb / 8P
Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
More results

Similar Description - HCT273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com