Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62 Datasheet (PDF) - STMicroelectronics

M41T62 Datasheet PDF - STMicroelectronics
Part # M41T62_V01
Download  M41T62 Download
File Size   706.56 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power serial real-time clocks (RTCs) with alarm

M41T62 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T62 Datasheet PDF - STMicroelectronics

Part # M41T62_V01
Download  M41T62 Click to download

File Size   706.56 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power serial real-time clocks (RTCs) with alarm

M41T62 Datasheet (HTML) - STMicroelectronics


M41T62 Product details

Features
■ Serial real-time clock (RTC) with alarm functions – 400 kHz I²C serial interface – Memory mapped registers for seconds, minutes, hours, day, date, month, year, and century – Tenths/hundredths of second register
■ 350 nA timekeeping current at 3 V
■ Time keeping down to 1.0 V
■ 1.3 V to 4.4 V I²C bus operating voltage – 4.4 V max. VCC suitable for lithium-ion battery operation
■ Low operating current of 35 µA (at 400 kHz I²C speed)
■ 32 kHz square wave output is on at power-up. Suitable for driving a microcontroller in low-power mode. Can be disabled. (M41T62/64)
■ Programmable 1 Hz to 32 kHz square wave output (M41T62/64)
■ Programmable alarm with interrupt function (M41T62/65)
■ 32 kHz crystal oscillator integrates crystal load capacitors, works with high series resistance crystals
■ Oscillator stop detection monitors clock operation
■ Accurate programmable watchdog – 62.5 ms to 31 minutes timeout
■ Software clock calibration. Timekeeping can be adjusted within ± 2 parts per million (± 5 seconds per month)
■ Automatic leap year compensation
■ – 40 to + 85 °C operation
■ Two package options – Very small 3 x 3 mm, lead-free and halogen-free (ECOPACK2) 16-lead QFN – Ultra small 1.5 x 3.2 mm, lead-free and halogen-free (ECOPACK2) 8-pin ceramic leadless chip carrier with embedded 32 kHz crystal - no external oscillator components required (M41T62) Maturity status link M41T62 M41T64 M41T65 Low-power serial real-time clocks (RTCs) with alarm M41T62, M41T64, M41T65 Datasheet DS3840 - Rev 24 - September 2019 For further information contact your local STMicroelectronics sales office.




Similar Part No. - M41T62_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T62Q6F STMICROELECTRONICS-M41T62Q6F Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T62Q6F STMICROELECTRONICS-M41T62Q6F Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
More results


Similar Description - M41T62_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
AN1572 STMICROELECTRONICS-AN1572 Datasheet
176Kb / 9P
Power-down time-stamp function in serial real-time clocks
02-May-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com