Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306 Datasheet (PDF) - Maxim Integrated Products

DS1306 Datasheet PDF - Maxim Integrated Products
Part # DS1306
Download  DS1306 Download
File Size   324.54 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial Alarm Real-Time Clock

DS1306 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1306 Datasheet PDF - Maxim Integrated Products

Part # DS1306
Download  DS1306 Click to download

File Size   324.54 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial Alarm Real-Time Clock

DS1306 Datasheet (HTML) - Maxim Integrated Products


DS1306 Product details

FEATURES

● Real-Time Clock (RTC) Counts Seconds, Minutes, Hours, Date of the Month, Month, Day of the Week, and Year with Leap-Year Compensation Valid Up to 2100

● 96-Byte, Battery-Backed NV RAM for Data Storage

● Two Time-of-Day Alarms, Programmable on Combination of Seconds, Minutes, Hours, and Day of the Week

● 1Hz and 32.768kHz Clock Outputs

● Supports Motorola SPI™ (Serial Peripheral Interface) Modes 1 and 3 or Standard 3-Wire Interface

● Burst Mode for Reading/Writing Successive Addresses in Clock/RAM

● Dual-Power Supply Pins for Primary and Backup Power Supplies

● Optional Trickle Charge Output to Backup Supply

● 2.0V to 5.5V Operation

● Optional Industrial Temperature Range: -40°C to +85°C

● Available in Space-Efficient, 20-Pin TSSOP Package

● Underwriters Laboratory (UL) Recognized




Similar Part No. - DS1306

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Bridgelux, Inc.
DS1306 BRIDGELUX-DS1306 Datasheet
1Mb / 22P
GEN9 V8 Array Series
10/2023
logo
Dallas Semiconductor
DS1306+ DALLAS-DS1306+ Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
More results


Similar Description - DS1306

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com