Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1305 Datasheet (PDF) - Dallas Semiconductor

DS1305 Datasheet PDF - Dallas Semiconductor
Part # DS1305
Download  DS1305 Download
File Size   257.92 Kbytes
Page   22 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Alarm Real Time Clock RTC

DS1305 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1305 Datasheet PDF - Dallas Semiconductor

Part # DS1305
Download  DS1305 Click to download

File Size   257.92 Kbytes
Page   22 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Alarm Real Time Clock RTC

DS1305 Datasheet (HTML) - Dallas Semiconductor


DS1305 Product details

FEATURES
● Real time clock counts seconds, minutes, hours, date of the month, month, day of the week and year with leap year compensation valid up to 2100
● 96-byte nonvolatile RAM for data storage
● Two time-of-day alarms programmable on combination of seconds, minutes, hours and day of the week
● Serial interface supports Motorola serial peripheral interface (SPI) serial data ports or standard 3-wire interface
● Burst mode for reading/writing successive addresses in clock/RAM
● Dual power supply pins for primary and backup power supplies
● Optional trickle charge output to backup supply
● 2.0 - 5.5V operation
● Optional industrial temperature range -40°C to +85°C
● Available in space-efficient, 20-pin TSSOP package
● Recognized by Underwriters Laboratory




Similar Part No. - DS1305

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
logo
SYC Electronica
DS1305 SYC-DS1305 Datasheet
524Kb / 21P
Serial Alarm Real-Time Clock
logo
Bridgelux, Inc.
DS1305 BRIDGELUX-DS1305 Datasheet
1Mb / 22P
GEN9 V10 BBBL Array Series
12/2023
More results


Similar Description - DS1305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com