Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1306 Datasheet (PDF) - Dallas Semiconductor

DS1306 Datasheet PDF - Dallas Semiconductor
Part # DS1306
Download  DS1306 Download
File Size   277.01 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Alarm Real Time Clock RTC

DS1306 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1306 Datasheet PDF - Dallas Semiconductor

Part # DS1306
Download  DS1306 Click to download

File Size   277.01 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Alarm Real Time Clock RTC

DS1306 Datasheet (HTML) - Dallas Semiconductor


DS1306 Product details

FEATURES

Real time clock counts seconds, minutes, hours, date of the month, month, day of the week, and year with leap year compensation valid up to 2100

96-byte nonvolatile RAM for data storage

Two Time of Day Alarms - programmable on combination of seconds, minutes, hours, and day of the week

1 Hz and 32.768 kHz clock outputs

Serial interface supports Motorola Serial Peripheral Interface (SPI) serial data ports or standard 3-wire interface

Burst Mode for reading/writing successive addresses in clock/RAM

Dual power supply pins for primary and backup power supplies

Optional trickle charge output to backup supply

2.0 - 5.5V operation

Optional industrial temperature range -40°C to +85°C

Available in space-efficient 20-pin TSSOP package

Recognized by Underwriters Laboratory




Similar Part No. - DS1306

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Bridgelux, Inc.
DS1306 BRIDGELUX-DS1306 Datasheet
1Mb / 22P
GEN9 V8 Array Series
10/2023
logo
Dallas Semiconductor
DS1306+ DALLAS-DS1306+ Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
More results


Similar Description - DS1306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
Real-Time Clock RTC
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com