Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF740 Datasheet (PDF) - Inchange Semiconductor Company Limited

IRF740 Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRF740
Download  IRF740 Download
File Size   279.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

IRF740 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF740 Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRF740
Download  IRF740 Click to download

File Size   279.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

IRF740 Datasheet (HTML) - Inchange Semiconductor Company Limited


IRF740 Product details

• DESCRITION
• Switch mode power supply
• Uninterruptable power supply
• High speed power switching

• FEATURES
• Drain Source Voltage-
   : VDSS= 400V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 0.55Ω (Max)
• Fast Switching Speed
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation




Similar Part No. - IRF740

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
Oct-1998
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRF740 VISHAY-IRF740 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRF740

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com