Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3565 Datasheet (PDF) - Toshiba Semiconductor

K3565 Datasheet PDF - Toshiba Semiconductor
Part # K3565
Download  K3565 Download
File Size   341.87 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)

K3565 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3565 Datasheet PDF - Toshiba Semiconductor

Part # K3565
Download  K3565 Click to download

File Size   341.87 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)

K3565 Datasheet (HTML) - Toshiba Semiconductor


K3565 Product details

Switching Regulator Applications

• Low drain-source ON resistance: RDS (ON) = 2.0 Ω (typ.)
• High forward transfer admittance: |Yfs| = 4.5 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 720 V)
• Enhancement mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - K3565

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
k3565 TOSHIBA-k3565 Datasheet
232Kb / 6P
Switching Regulator Applications
K3565 TOSHIBA-K3565 Datasheet
249Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
logo
EPCOS
K3565 EPCOS-K3565 Datasheet
105Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
logo
Toshiba Semiconductor
K3565 TOSHIBA-K3565 Datasheet
218Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
logo
EPCOS
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
More results


Similar Description - K3565

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK2613 TOSHIBA-2SK2613 Datasheet
232Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3562 TOSHIBA-2SK3562 Datasheet
232Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3563 TOSHIBA-2SK3563 Datasheet
348Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
2SK3564 TOSHIBA-2SK3564 Datasheet
94Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com