Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3565M Datasheet (PDF) - EPCOS

K3565M Datasheet PDF - EPCOS
Part # K3565M
Download  K3565M Download
File Size   105.23 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Quasi/Split Sound Applications 38,90 MHz

K3565M Datasheet (PDF)

Go To PDF Page Download Datasheet
K3565M Datasheet PDF - EPCOS

Part # K3565M
Download  K3565M Click to download

File Size   105.23 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Quasi/Split Sound Applications 38,90 MHz

K3565M Datasheet (HTML) - EPCOS


K3565M Product details

SAW Components

IF Filter for Quasi/Split Sound Applications

38,90 MHz



Features

■TV IF filter for quasi/split sound applications (separate picture and sound channel)

■Picture channel with Nyquist slope and sound suppression, symmetrical output

■Customized group delay predistortion

■Sound channel with pass band for sound carriers between 32,4 MHz and 33,4 MHz



Standard

■B/G

■D/K



Terminals

■Tinned CuFe alloy




Similar Part No. - K3565M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
k3565 TOSHIBA-k3565 Datasheet
232Kb / 6P
Switching Regulator Applications
K3565 TOSHIBA-K3565 Datasheet
249Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
K3565 TOSHIBA-K3565 Datasheet
341Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
K3565 TOSHIBA-K3565 Datasheet
218Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
More results


Similar Description - K3565M

ManufacturerPart #DatasheetDescription
logo
EPCOS
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
IF Filter for Quasi/Split Sound Applications
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
IF Filter for Quasi/Split Sound Applications
K3562M EPCOS-K3562M Datasheet
107Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,00 MHz
G1962M EPCOS-G1962M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications 38,90 MHz
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
G9353M EPCOS-G9353M Datasheet
69Kb / 5P
IF Filter for Audio Applications 38,90 MHz
K3352K EPCOS-K3352K Datasheet
107Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,00 MHz
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
IF Filter for Quasi/Split Sound Applications
K9353M EPCOS-K9353M Datasheet
63Kb / 5P
IF Filter for Audio Applications 38,90 MHz
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
IF Filter for Quasi/Split Sound Applications
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com