Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3352K Datasheet (PDF) - EPCOS

K3352K Datasheet PDF - EPCOS
Part # K3352K
Download  K3352K Download
File Size   107.7 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Quasi/Split Sound Applications 38,00 MHz

K3352K Datasheet (PDF)

Go To PDF Page Download Datasheet
K3352K Datasheet PDF - EPCOS

Part # K3352K
Download  K3352K Click to download

File Size   107.7 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Quasi/Split Sound Applications 38,00 MHz

K3352K Datasheet (HTML) - EPCOS




Similar Part No. - K3352K

ManufacturerPart #DatasheetDescription
logo
EPCOS
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
IF Filter for Quasi/Split Sound Applications
logo
PETERMANN-TECHNIK
K3351K PETERMANN-K3351K Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
logo
NEC
K3353 NEC-K3353 Datasheet
43Kb / 4P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - K3352K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
logo
EPCOS
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
IF Filter for Quasi/Split Sound Applications
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
IF Filter for Quasi/Split Sound Applications
K3565M EPCOS-K3565M Datasheet
105Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
K3562M EPCOS-K3562M Datasheet
107Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,00 MHz
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
IF Filter for Quasi/Split Sound Applications 38,90 MHz
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
IF Filter for Quasi/Split Sound Applications
K2959M EPCOS-K2959M Datasheet
90Kb / 6P
IF Filter for Intercarrier Applications 38,00 MHz
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
IF Filter for Quasi/Split Sound Applications
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com