Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3352K Datasheet(PDF) 3 Page - EPCOS

Part # K3352K
Description  IF Filter for Quasi/Split Sound Applications 38,00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K3352K Datasheet(HTML) 3 Page - EPCOS

  K3352K Datasheet HTML 1Page - EPCOS K3352K Datasheet HTML 2Page - EPCOS K3352K Datasheet HTML 3Page - EPCOS K3352K Datasheet HTML 4Page - EPCOS K3352K Datasheet HTML 5Page - EPCOS K3352K Datasheet HTML 6Page - EPCOS K3352K Datasheet HTML 7Page - EPCOS K3352K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Mar 31, 2006
SAW Components
K 3352 K
38,00 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Characteristics of picture channel
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,50 MHz
12,1
13,6
15,1
dB
following data
Relative attenuation
α
rel
Picture carrier
38,00 MHz
5,4
6,4
7,4
dB
Color carrier
33,57 MHz
1,8
2,8
3,8
dB
Sound carrier
31,50 MHz
44,0
52,0
dB
32,50 MHz
39,0
54,0
dB
Adjacent picture carrier
30,00 MHz
43,0
52,0
dB
31,00 MHz
48,0
56,0
dB
Adjacent sound carrier
39,50 MHz
43,0
53,0
dB
40,00 MHz
44,0
52,0
dB
39,26 MHz
39,0
46,0
dB
Lower sidelobe
25,00
... 30,00 MHz
40,0
50,0
dB
Upper sidelobe
40,00
... 45,00 MHz
38,0
45,0
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
52,0
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before
main pulse
56,0
dB
(test pulse 250 ns,
carrier frequency 36,50 MHz)
Group delay predistortion
∆τ
(reference frequency 38,00 MHz)
37,00 MHz
30
ns
33,57 MHz
-22
ns
Impedance at 36,50 MHz
Input:
ZIN
=
RIN
||
CIN
1,0 ||22,0
k
Ω || pF
Output:
ZOUT = ROUT || COUT
1,7 || 4,3
—k
Ω || pF
Temperature coefficient of frequency
TCf
-72
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com