Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3352K Datasheet(PDF) 2 Page - EPCOS

Part # K3352K
Description  IF Filter for Quasi/Split Sound Applications 38,00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K3352K Datasheet(HTML) 2 Page - EPCOS

  K3352K Datasheet HTML 1Page - EPCOS K3352K Datasheet HTML 2Page - EPCOS K3352K Datasheet HTML 3Page - EPCOS K3352K Datasheet HTML 4Page - EPCOS K3352K Datasheet HTML 5Page - EPCOS K3352K Datasheet HTML 6Page - EPCOS K3352K Datasheet HTML 7Page - EPCOS K3352K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Mar 31, 2006
SAW Components
K 3352 K
38,00 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Plastic package DIP10K
Standard
q
B/G
q
D/K
q
I
Features
q
TV IF filter for quasi/split sound applications
(separate picture and sound channel)
q
Picture channel with Nyquist slope and sound
suppression
q
Customized group delay predistortion
q
Sound channel with one passband for sound
carriers between 31,50 MHz and 32,50 MHz
q
Suitable for CENELEC EN 55020
Terminals
q
Tinned CuFe alloy
Pin configuration
1
Input
2
Input - ground
3; 8
Chip carrier - ground
4; 5
Output - sound
6; 7
Output - picture
9
Free
10
Not connected
Type
Ordering code
Marking and package
according to
Packing
according to
K 3352 K
B39380-K3352-K100
C61157-A2-A3
F61074-V8068-Z000
Maximum ratings
Operable temperature range
TA
– 25/+ 65
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,8 g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com