Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3352K Datasheet(PDF) 5 Page - EPCOS

Part # K3352K
Description  IF Filter for Quasi/Split Sound Applications 38,00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K3352K Datasheet(HTML) 5 Page - EPCOS

  K3352K Datasheet HTML 1Page - EPCOS K3352K Datasheet HTML 2Page - EPCOS K3352K Datasheet HTML 3Page - EPCOS K3352K Datasheet HTML 4Page - EPCOS K3352K Datasheet HTML 5Page - EPCOS K3352K Datasheet HTML 6Page - EPCOS K3352K Datasheet HTML 7Page - EPCOS K3352K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Mar 31, 2006
SAW Components
K 3352 K
38,00 MHz
IF Filter for Quasi/Split Sound Applications
Data Sheet
Frequency response of picture channel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com