Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2304 Datasheet (PDF) - List of Unclassifed Manufacturers

C2304 Datasheet PDF - List of Unclassifed Manufacturers
Part # C2304
Download  C2304 Download
File Size   78.46 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MMDS / ISM / S-Band Downconverter

C2304 Datasheet (PDF)

Go To PDF Page Download Datasheet
C2304 Datasheet PDF - List of Unclassifed Manufacturers

Part # C2304
Download  C2304 Click to download

File Size   78.46 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MMDS / ISM / S-Band Downconverter

C2304 Datasheet (HTML) - List of Unclassifed Manufacturers


C2304 Product details

[Pacific Wireless]



MMDS / ISM / S-Band Downconverter 1800 to 4800 MHz Operation



Description

The C2304 is a flexible high intercept and high gain down conversion GaAs MMIC packaged in a compact 14 pin SOIC package. Each sub-circuit is brought out on separate pins to allow for custom filterin g on the IF/RF mixer interstage or custom matching for specific bands. Broadband parallel feedback networks are used on the gain and LO driver stages and the mixer is a singly balanced, two diode type mixer. The FET source of the IF amplifier stage (IF BIAS) is accessible for AC bypassing which allows for current reduction with DC source degeneration. The gain and DC current is broken up as follows: RF AMP gain = 14dB, current = 22 mA; LO AMP gain = 11dB, current = 28ma; IF AMP gain = 18dB, current = 60 mA, MIXER conversion loss = -6dB. Simple external matching circuits can be implemented for all ports to achieve VSWR’s <2:1 over moderate

bandwidths of less than 400MHz.



Features

·  1800 to 4800 MHz RF

·  10 to 900 MHz IF

·  26 dB Gain, 4dB Noise Figure

·  Single 5V Supply

·  27 dBm Output IP3

·  Separate RF AMP, MI XER/LO AMP and IF AMP cells.

·  75 ohm IF output impedance



Applications

·  2.4 GHz ISM Band Applications

·  MMDS Downconverters

·  Wireless Bridges

·  Wireless Local Loop Systems

·  S Band Receivers

·  Wireless LANS and WANS

·  Point to Multipoint Receivers

·  2.4GHz Consumer Applications

·  Bluetooth Applications

·  Upconverters




Similar Part No. - C2304

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C230 MOTOROLA-C230 Datasheet
123Kb / 3P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
C230 DIGITRON-C230 Datasheet
513Kb / 4P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C230 NJSEMI-C230 Datasheet
154Kb / 2P
Silicon Controlled Rectifier
logo
Antex (Electronics) Lim...
C230 ANTEX-C230 Datasheet
122Kb / 2P
Soldering Irons
logo
TP-Link Technologies Co...
C2300 TP-LINK-C2300 Datasheet
2Mb / 7P
MU-MIMO Wi-Fi Router
More results


Similar Description - C2304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2306 ETC1-C2306 Datasheet
71Kb / 4P
MMDS / ISM / S-Band Mixer
logo
NEC
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM Datasheet
1Mb / 26P
K-Band Downconverter
TGC4610-SM TRIQUINT-TGC4610-SM_15 Datasheet
914Kb / 26P
K-Band Downconverter
logo
Suntsu Electronics, Inc...
SATCA-7A2A2A-ISB6 SUNTSU-SATCA-7A2A2A-ISB6 Datasheet
956Kb / 5P
ISM Band System
SATCA-12A4A1G-ISB5 SUNTSU-SATCA-12A4A1G-ISB5 Datasheet
711Kb / 4P
ISM Band System
SATCA-12A4A1G-ISB7 SUNTSU-SATCA-12A4A1G-ISB7 Datasheet
736Kb / 4P
ISM Band System
SATCA-20A5A1G-ISB3 SUNTSU-SATCA-20A5A1G-ISB3 Datasheet
1Mb / 6P
ISM Band System
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
K-Band Downconverter
logo
Transko Electronics, In...
TF244200BC-SP TRANSKO-TF244200BC-SP Datasheet
1Mb / 4P
ISM Band Application
Rev. 0: Jul. 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com