Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2306 Datasheet (PDF) - List of Unclassifed Manufacturers

C2306 Datasheet PDF - List of Unclassifed Manufacturers
Part # C2306
Download  C2306 Download
File Size   71.35 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MMDS / ISM / S-Band Mixer

C2306 Datasheet (PDF)

Go To PDF Page Download Datasheet
C2306 Datasheet PDF - List of Unclassifed Manufacturers

Part # C2306
Download  C2306 Click to download

File Size   71.35 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description MMDS / ISM / S-Band Mixer

C2306 Datasheet (HTML) - List of Unclassifed Manufacturers


C2306 Product details

[Pacific Wireless]



Description

The C2306 is a flexible, high intercept, frequency conversion GaAs MMIC packaged in a 14 pin SOIC package. The MMIC is usable as an upconverter or downconverter mixer. Each subcircuit is brought out on separate pins to allow for custom filtering on the IF/RF mixer interstage or custom matching for specific bands. Broadband parallel feedback networks are used on the gain and LO driver stages and the mixer is a singly balanced two diode mixer. The FET source of the IF amplifier stage (IF BIAS) is accessible for AC bypassing which allows for current reduction with self bias circuitry. The gain and DC current is broken up as follows: LO AMP gain = 11dB; current = 27 mA, IF AMP gain = 17dB, current = 60mA, Mixer conversion loss = - 6dB. Simple external matching circuits can be implemented for all ports to achieve VSWR’s < 2:1 over moderate bandwidths of less than 400MHz.



Features

· 10 dB Gain

· 10 to 900 MHz Integrated IF Amplifier

· Single 5V Supply

· 26 dBm Output IP3

· Separate MIXER/LO AMP and IF AMP cells.

· 75 ohm IF output impedance



Applications

· 2.4 GHz ISM Band Applications

· MMDS Downconverters

· MMDS Upconverters

· Bluetooth Applications

· Wireless Local Loop Systems

· Wireless LANS and WANS

· Wireless Internet Systems

· Wireless T1 Data Link Equipment



 




Similar Part No. - C2306

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C230 MOTOROLA-C230 Datasheet
123Kb / 3P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
C230 DIGITRON-C230 Datasheet
513Kb / 4P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C230 NJSEMI-C230 Datasheet
154Kb / 2P
Silicon Controlled Rectifier
logo
Antex (Electronics) Lim...
C230 ANTEX-C230 Datasheet
122Kb / 2P
Soldering Irons
logo
TP-Link Technologies Co...
C2300 TP-LINK-C2300 Datasheet
2Mb / 7P
MU-MIMO Wi-Fi Router
More results


Similar Description - C2306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2304 ETC1-C2304 Datasheet
78Kb / 4P
MMDS / ISM / S-Band Downconverter
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_07 Datasheet
204Kb / 3P
UHF~S Band Mixer/Detector Applications
01-Nov-2007
logo
Guangdong Kexin Industr...
1SS154 KEXIN-1SS154 Datasheet
33Kb / 1P
UHF~S BAND MIXER/DETECTOR APPLICATIONS
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_14 Datasheet
149Kb / 3P
UHF-S Band Mixer/Detector Applications
logo
Suntsu Electronics, Inc...
SATCA-7A2A2A-ISB6 SUNTSU-SATCA-7A2A2A-ISB6 Datasheet
956Kb / 5P
ISM Band System
SATCA-12A4A1G-ISB5 SUNTSU-SATCA-12A4A1G-ISB5 Datasheet
711Kb / 4P
ISM Band System
SATCA-12A4A1G-ISB7 SUNTSU-SATCA-12A4A1G-ISB7 Datasheet
736Kb / 4P
ISM Band System
SATCA-20A5A1G-ISB3 SUNTSU-SATCA-20A5A1G-ISB3 Datasheet
1Mb / 6P
ISM Band System
logo
Transko Electronics, In...
TF244200AB-SP TRANSKO-TF244200AB-SP Datasheet
1Mb / 4P
ISM Band Application
Rev. 0: Jul. 2023
TF244200BC-SP TRANSKO-TF244200BC-SP Datasheet
1Mb / 4P
ISM Band Application
Rev. 0: Jul. 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com