Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA-128R Datasheet (PDF) - ams AG

FA-128R Datasheet PDF - ams AG
Part # FA-128R
Download  FA-128R Download
File Size   1721.56 Kbytes
Page   59 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 27MHz Low Power Star Network Transceiver

FA-128R Datasheet (PDF)

Go To PDF Page Download Datasheet
FA-128R Datasheet PDF - ams AG

Part # FA-128R
Download  FA-128R Click to download

File Size   1721.56 Kbytes
Page   59 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 27MHz Low Power Star Network Transceiver

FA-128R Datasheet (HTML) - ams AG




Similar Part No. - FA-128R

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-128 EPSONTOYOCOM-FA-128 Datasheet
169Kb / 1P
ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
FA-128 EPSON-FA-128 Datasheet
585Kb / 2P
MHz RANGE CRYSTAL UNIT
FA-128 EPSON-FA-128 Datasheet
235Kb / 3P
MHz Range Crystal unit
FA-128S EPSON-FA-128S Datasheet
642Kb / 2P
MHz RANGE CRYSTAL UNIT Built-in thermistor
More results


Similar Description - FA-128R

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5352 PMC-PM5352 Datasheet
699Kb / 77P
SATURN USER NETWORK INTERFACE 155 (STAR)
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
27MHz CB Transceiver Driver Applications
logo
PhaseLink Corporation
PLL500-27 PLL-PLL500-27 Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-27B PLL-PLL500-27B Datasheet
208Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
logo
Sanyo Semicon Device
LC7120 SANYO-LC7120 Datasheet
130Kb / 3P
CMOS LSI 27MHz CB TRANSCEIVER PLL FREQUENCY SYNTHESIZER
logo
Tiger Electronic Co.,Lt...
2SC2078 TGS-2SC2078 Datasheet
63Kb / 1P
27MHz RF Power Amplifier Applications
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314_19 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
2SC2078 SANYO-2SC2078_04 Datasheet
78Kb / 3P
27MHz RF Power Amplifier Applications
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com