Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4735 Datasheet (PDF) - Sanyo Semicon Device

2SC4735 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4735
Download  2SC4735 Download
File Size   91.72 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 27MHz CB Transceiver Driver Applications

2SC4735 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4735 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4735
Download  2SC4735 Click to download

File Size   91.72 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 27MHz CB Transceiver Driver Applications

2SC4735 Datasheet (HTML) - Sanyo Semicon Device


2SC4735 Product details

27MHz CB Transceiver Driver Applications

Features
• Large power type such as PC=1.5W when used without heatsink.
• It is possible to make appliances more compact because its height on board is 9.5mm.
• Effective in automatic inserting and counting stocked amount because of being provided for radial taping.




Similar Part No. - 2SC4735

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4730 SANYO-2SC4730 Datasheet
129Kb / 4P
100V/3A Switching Applications
2SC4731 SANYO-2SC4731 Datasheet
130Kb / 4P
100V/4A Switching Applications
2SC4732 SANYO-2SC4732 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
2SC4733 SANYO-2SC4733 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
2SC4734 SANYO-2SC4734 Datasheet
127Kb / 4P
High Voltage Driver Applications?????????????
More results


Similar Description - 2SC4735

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
86Kb / 3P
27MHz RF Power Amp Applications
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
2SC4272 SANYO-2SC4272 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications
logo
KEC(Korea Electronics)
KTC1006 KEC-KTC1006 Datasheet
249Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (CB TRANSCEIVER TX DRIVER)
logo
Sanyo Semicon Device
LC7120 SANYO-LC7120 Datasheet
130Kb / 3P
CMOS LSI 27MHz CB TRANSCEIVER PLL FREQUENCY SYNTHESIZER
logo
Tiger Electronic Co.,Lt...
2SC2078 TGS-2SC2078 Datasheet
63Kb / 1P
27MHz RF Power Amplifier Applications
2SC2314 TGS-2SC2314 Datasheet
59Kb / 1P
27 MHz CB Transceiver Driver Applications
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314_19 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
2SC2078 SANYO-2SC2078_04 Datasheet
78Kb / 3P
27MHz RF Power Amplifier Applications
logo
ams AG
AS3900 AMSCO-AS3900 Datasheet
1Mb / 59P
27MHz Low Power Star Network Transceiver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com