Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4734 Datasheet (PDF) - Sanyo Semicon Device

2SC4734 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4734
Download  2SC4734 Download
File Size   127.91 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Voltage Driver Applications?????????????

2SC4734 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4734 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4734
Download  2SC4734 Click to download

File Size   127.91 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Voltage Driver Applications?????????????

2SC4734 Datasheet (HTML) - Sanyo Semicon Device


2SC4734 Product details

High-Voltage Driver Applications

Features
• Large current capacity (IC=2A).
• High breakdown voltage (VCEO≥400V).
• Possible to offer the 2SA1830/2SC4734 devices in a tape reel packaging, which facilitates automatic insertion.




Similar Part No. - 2SC4734

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4730 SANYO-2SC4730 Datasheet
129Kb / 4P
100V/3A Switching Applications
2SC4731 SANYO-2SC4731 Datasheet
130Kb / 4P
100V/4A Switching Applications
2SC4732 SANYO-2SC4732 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
2SC4733 SANYO-2SC4733 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
27MHz CB Transceiver Driver Applications
More results


Similar Description - 2SC4734

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1700 SANYO-2SA1700 Datasheet
78Kb / 3P
High-Voltage Driver Applications
2SA1772 SANYO-2SA1772 Datasheet
125Kb / 4P
High Voltage Driver Applications??????????
2SA1785 SANYO-2SA1785 Datasheet
121Kb / 4P
High Voltage Driver Applications????????????
2SA1786 SANYO-2SA1786 Datasheet
121Kb / 4P
High Voltage Driver Applications????????????
2SC2857 SANYO-2SC2857 Datasheet
74Kb / 3P
High-Voltage Driver Applications
2SC4002 SANYO-2SC4002 Datasheet
73Kb / 3P
High-Voltage Driver Applications???
logo
Guangdong Kexin Industr...
2SA1740 KEXIN-2SA1740 Datasheet
364Kb / 3P
High-Voltage Driver Applications
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
High-Voltage Driver Applications
logo
ON Semiconductor
SOP8501 ONSEMI-SOP8501 Datasheet
110Kb / 5P
High-Voltage Driver Applications
Jan-2011, Rev. 0
2SA1699 ONSEMI-2SA1699 Datasheet
89Kb / 3P
High-Voltage Driver Applications
Jan-2011, Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com