Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2004L8 Datasheet (PDF) - Littelfuse

L2004L8 Datasheet PDF - Littelfuse
Part # L2004L8
Download  L2004L8 Download
File Size   170.91 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Sensitive Triacs (0.8 A to 8 A)

L2004L8 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2004L8 Datasheet PDF - Littelfuse

Part # L2004L8
Download  L2004L8 Click to download

File Size   170.91 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Sensitive Triacs (0.8 A to 8 A)

L2004L8 Datasheet (HTML) - Littelfuse


L2004L8 Product details

General Description
Teccors line of sensitive gate triacs includes devices with current capabilities through 8 A. Voltage ranges are available from 200 V to 600 V. This line features devices with guaranteed gate control in Quadrants II and IV as well as control in the commonly used Quadrants I and III. Four-quadrant control devices require sensitive gate triacs. They can be controlled by digital circuitry where positive-only or negative-only pulses must control AC current in both directions through the device. Note that triacs with low IGT values in Quadrants II and IV will have lower dv/dt characteristics.

Features
• RoHS Compliant
• Electrically-isolated packages
• Glass-passivated junctions ensure long device reliability and parameter stability
• Voltage capability — up to 600 V
• Surge capability — up to 80 A
• Four-quadrant gating guaranteed

Compak Sensitive Gate Triac
• Surface mount package — 0.8 A and 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500 devices per reel
• Can replace SOT-223




Similar Part No. - L2004L8

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L2004L8 TECCOR-L2004L8 Datasheet
168Kb / 8P
Sensitive Triacs (0.8A to 8A)
L2004L8 TECCOR-L2004L8 Datasheet
178Kb / 8P
Electrically-isolated packages
logo
Littelfuse
L2004L8 LITTELFUSE-L2004L8 Datasheet
176Kb / 8P
Sensitive Triacs
L2004L8 LITTELFUSE-L2004L8 Datasheet
176Kb / 8P
RoHS Compliant
More results


Similar Description - L2004L8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
Triacs (0.8 A to 35 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
Standard 0.8 A Triacs
12-Apr-2007
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
Standard 0.8 A Triacs
19-Jun-2014
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com