Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810H Datasheet (PDF) - STMicroelectronics

T810H Datasheet PDF - STMicroelectronics
Part # T810H
Download  T810H Download
File Size   124.6 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 8 A sensitive TRIACs

T810H Datasheet (PDF)

Go To PDF Page Download Datasheet
T810H Datasheet PDF - STMicroelectronics

Part # T810H
Download  T810H Click to download

File Size   124.6 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 8 A sensitive TRIACs

T810H Datasheet (HTML) - STMicroelectronics


T810H Product details

Description
Specifically designed to operate at 150 °C, the new 8 A T810H TRIACs provide an enhanced performance in terms of power loss and thermal dissipation. This allows the optimization of the heatsink size, leading to space and cost effectiveness when compared to electromechanical solutions

Features
■ Medium current TRIAC
■ Logic level sensitive TRIAC
■ 150 °C max. Tj turn-off commutation
■ Clip bounding
■ RoHS (2002/95/EC) compliant packages

Applications
■ The T810H is designed for the control of AC actuators in appliances and industrial systems.
■ The multi-port drive of the microcontroller can control the multiple loads of such appliances and systems through these sensitive gate TRIACs.




Similar Part No. - T810H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T810H-6T ISC-T810H-6T Datasheet
314Kb / 3P
isc Triacs
More results


Similar Description - T810H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
High temperature 8 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
High temperature 10 A sensitive TRIACs
15-May-2009
logo
Littelfuse
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
Sensitive Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com