Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410H Datasheet (PDF) - STMicroelectronics

T410H Datasheet PDF - STMicroelectronics
Part # T410H
Download  T410H Download
File Size   113.31 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 4 A sensitive TRIACs

T410H Datasheet (PDF)

Go To PDF Page Download Datasheet
T410H Datasheet PDF - STMicroelectronics

Part # T410H
Download  T410H Click to download

File Size   113.31 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 4 A sensitive TRIACs

T410H Datasheet (HTML) - STMicroelectronics


T410H Product details

Description
Specifically designed to operate at 150 °C, the new 4 A T410H TRIAC provides an enhanced performance in terms of power loss and thermal dissipation. This allows the optimization of the heatsink size, leading to space and cost effectiveness when compared to electromechanical solutions.
Based on ST logic level technology, the T410H offers an IGT lower than 10 mA and specified minimal commutation and high noise immunity levels valid up to the Tj max.

Features
■ Medium current TRIAC
■ Logic level sensitive TRIAC
■ 150 °C max. Tj turn-off commutation
■ Clip bounding
■ RoHS (2002/95/EC) compliant package

Applications
■ The T410H is designed for the control of AC actuators in appliances and industrial systems.
■ The multi-port drive of the microcontroller can control the multiple loads of such appliances and systems through this sensitive gate TRIAC.




Similar Part No. - T410H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410 STMICROELECTRONICS-T410 Datasheet
906Kb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
Rev. 1.6
T410 STMICROELECTRONICS-T410 Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
Based on ST?셲 Snubberless
25-Mar-2005
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
More results


Similar Description - T410H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
High temperature 6 A sensitive TRIACs
15-May-2009
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
High temperature 10 A sensitive TRIACs
15-May-2009
logo
Littelfuse
L6004V3TP LITTELFUSE-L6004V3TP Datasheet
905Kb / 10P
4 Amp Sensitive & Standard Triacs
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
Sensitive Triacs
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
4 Quadrants Sensitive TRIACS
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
4 Amp Sensitive & Standard Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com