Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet (PDF) - STMicroelectronics

T410 Datasheet PDF - STMicroelectronics
Part # T410
Download  T410 Download
File Size   906.02 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG

T410 Datasheet (PDF)

Go To PDF Page Download Datasheet
T410 Datasheet PDF - STMicroelectronics

Part # T410
Download  T410 Click to download

File Size   906.02 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG

T410 Datasheet (HTML) - STMicroelectronics


T410 Product details

Memories
■ Up to 4 Kbytes OTP
■ 128 bytes of RAM
■ Readout Protection

Core
■ Register File Based Architecture
■ 55 instructions
■ Hardware multiplication and division
■ Decision Processor for the implementation of Fuzzy Logic algorithms

Clock and Power Supply
■ Up to 20 MHz clock frequency.
■ Power Saving features

Interrupts
■ Up to 5 interrupt vectors
■ Top Level External Interrupt (INT)

I/O Ports
■ 19 I/O PINs configurable in Input and Output mode
■ High current sink/source in all pins. Peripherals
■ 3 Programmable 8-bit Timer/PWMs with internal 16-bit Prescaler featuring:
   – PWM output
   – Input capture
   – Output compare
   – Pulse generator mode
■ On-chip 8-bit Sample and Hold A/D Converter with 8-channel analog multiplexer (ST52T420/ E420 only)
■ Watchdog timer

Development tools
■ High level Software tools
■ Emulator
■ Low cost Programmer
■ Gang Programmer




Similar Part No. - T410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410 STMICROELECTRONICS-T410 Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
Based on ST?셲 Snubberless
25-Mar-2005
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T410-600B JIEJIE-T410-600B Datasheet
662Kb / 6P
4A TRIACs
More results


Similar Description - T410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
Rev. 1.18
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Rev. 2.9
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
Rev. 1.9
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST52X420 STMICROELECTRONICS-ST52X420 Datasheet
1Mb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Rev. 1.7
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
8-Bit MCU,ADC,LCD Controller
logo
STMicroelectronics
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com