Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 2 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 2 Page - STMicroelectronics

  T410 Datasheet HTML 1Page - STMicroelectronics T410 Datasheet HTML 2Page - STMicroelectronics T410 Datasheet HTML 3Page - STMicroelectronics T410 Datasheet HTML 4Page - STMicroelectronics T410 Datasheet HTML 5Page - STMicroelectronics T410 Datasheet HTML 6Page - STMicroelectronics T410 Datasheet HTML 7Page - STMicroelectronics T410 Datasheet HTML 8Page - STMicroelectronics T410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
ST52T410/T420/E420
2/84
ST52T410/ST52x420 Device Summary
Device
NVM
RAM
Timers
PWM
ADC
SCI
Watchdog
Operating
Supply
I/O
Package
ST52T420G0py
1K OTP
128
3x8-bit
8-Ch
-
Yes
3.0-5.5 V
19
Dip/So 28
ST52T420G1py
2K OTP
128
3x8-bit
8-Ch
-
Yes
3.0-5.5 V
19
Dip/So 28
ST52T420G2py
4K OTP
128
3x8-bit
8-Ch
-
Yes
3.0-5.5 V
19
Dip/So 28
ST52E420G2D6
4K EPROM
128
3x8-bit
8-Ch
-
Yes
3.0-5.5 V
19
Cdip 28
ST52T410G0py
1K OTP
128
3x8-bit
-
Yes
2.7-5.5 V
19
Dip/So 28
ST52T410G1py
2K OTP
128
3x8-bit
-
Yes
2.7-5.5 V
19
Dip/So 28
ST52T410G2py
4K OTP
128
3x8-bit
-
Yes
2.7-5.5 V
19
Dip/So 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com