Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 24 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button T410 Datasheet HTML 20Page - STMicroelectronics T410 Datasheet HTML 21Page - STMicroelectronics T410 Datasheet HTML 22Page - STMicroelectronics T410 Datasheet HTML 23Page - STMicroelectronics T410 Datasheet HTML 24Page - STMicroelectronics T410 Datasheet HTML 25Page - STMicroelectronics T410 Datasheet HTML 26Page - STMicroelectronics T410 Datasheet HTML 27Page - STMicroelectronics T410 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
ST52T410/ST52T420/E430
24/84
3 EPROM
EPROM memory provides an on-chip user-
programmable non-volatile memory, which allows
fast and reliable storage of user data.
EPROM memory can be locked by the user. In
fact, a memory location called Lock Cell is devoted
to lock EPROM and avoid external operations. A
software identification code, called ID CODE,
distinguishes which software version is stored in
the memory.
32 kbits of memory space with an 8-bit internal
parallelism (up to 4 kbytes) addressed by a 12-bit
bus are available. The data bus is 8 bits.
Memory has a double supply: VPP is equal to
12V
±5% in Programming Phase or to V
SS during
Working Phase. VDD is equal to 5V±10%.
ST52T410/ST52x420 EPROM memory is divided
into three main blocks (see Figure ):
s
Interrupt Vectors memory block (3 through 17)
contains the addresses for the interrupt routines.
Each address is composed of three bytes.
Figure 3.1 Program Memory Organization
s
Mbfs Setting memory block (18 through
MemAdd) contains the coordinates of the
vertexes of every Mbf defined in the program.
s
The maximum value of MemAdd is 1023. This
area is dynamically assigned according to the
size of the fuzzy routines. The unused memory
area, if any, is assigned to the Program
Instruction Set memory block.
s
The Program Instructions Set memory block
(MemAdd through 4095) contains the instruction
set of the user program.
Locations 0, 1 and 2 contain the address of the first
microcode instruction.The operations that can be
performed on EPROM during the Programming
Phase are: Stand By, Memory Writing, Reading
and Verify/Margin Mode, Memory Lock, IDCode
Writing and Verify.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com