Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 12 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button T410 Datasheet HTML 8Page - STMicroelectronics T410 Datasheet HTML 9Page - STMicroelectronics T410 Datasheet HTML 10Page - STMicroelectronics T410 Datasheet HTML 11Page - STMicroelectronics T410 Datasheet HTML 12Page - STMicroelectronics T410 Datasheet HTML 13Page - STMicroelectronics T410 Datasheet HTML 14Page - STMicroelectronics T410 Datasheet HTML 15Page - STMicroelectronics T410 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
ST52T410/T420/E420
12/84
1.3 Pin Description
VDD, VSS, VDDA, GNDA, VPP. In order to avoid
noise disturbances, the power supply of the digital
part is kept separate from the power supply of the
analog part.
VDD. Main Power Supply Voltage (5V± 10%).
In the ST52x410 version the two VDD pins must be
connected togheter.
VSS. Digital circuit ground.
In the ST52x410 version the two VSS pins must be
connected togheter.
VDDA.Analog VDD of the AnalogtoDigital
Converter.
GNDA. Analog VSS of the Analog to Digital
Converter. Must be tied to VSS.
VPP. Main Power Supply for internal EPROM
(12.5V
±5%, in programming phase) and Operating
MODE selector. During the Programming phase
(programming), VPP must be set at 12V. In the
Working phase VPP must be equal to VSS.
OSCin and OSCout. These pins are internally
connected with the on-chip oscillator circuit. A
quartz crystal or a ceramic resonator can be
connected between these two pins in order to allow
the correct operations of ST52T410/ST52x420
with various stability/cost trade-off. An external
clock signal can be applied to OSCin, in this case
OSCout must be floating.
RESET. This signal is used to restart ST52T410/
ST52x420 at the beginning of its program and to
select the program mode for EPROM.
Ain0-Ain7. These 8 lines are connected to the
input of the analog multiplexer. They allow the
acquisition of 8 analog input (ST52x420 only).
During the Programming phase, Ain0, Ain1, Ain2
and Ain3 are used to manage EPROM operation.
PA0-PA7, PB0-PB7, PC0-PC3. These lines are
organized as I/O port. Each pin can be configured
as input or output. PA7/PB7 are tied to the same
output. During Programming phase PA port is used
for EPROM read/write data.
T0RES, T0CLK, T0STRT. These pins are related
with the internal Programmable Timer/PWM 0.
This Timer can be reset externally by using
T0RES. In Working Mode, T0RES resets the
address counter of the Timer. T0RES is active at
low level.
TheTimer 0Clock canbethe internal clock orcan
be supplied externally by using pin T0CLK.
An external Start/Stop signal can be used to
control the Timer through T0STRT pin.
T0OUT, T1OUT, T2OUT. T he T IM ER/PWM
outputs are available on these pins.
T0OUT , T1OUT , T2OUT .T he T IM ER/PWM
complementary outputs are available on these
pins.
TEST. During the Programming and Working
phase it must be set to Vss.
INT. This pin is used to start the External Interrupt
routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com