Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 58 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button T410 Datasheet HTML 54Page - STMicroelectronics T410 Datasheet HTML 55Page - STMicroelectronics T410 Datasheet HTML 56Page - STMicroelectronics T410 Datasheet HTML 57Page - STMicroelectronics T410 Datasheet HTML 58Page - STMicroelectronics T410 Datasheet HTML 59Page - STMicroelectronics T410 Datasheet HTML 60Page - STMicroelectronics T410 Datasheet HTML 61Page - STMicroelectronics T410 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
ST52T410/ST52T420/E420
58/84
Figure 10.7 Configuration Register 7
Table 10.3 Configuration Register 7 Description
Bit
Name
Value
Description
0
T0RST
00
TIMER0 RESET
01
TIMER0 RESET External
1
10
TIMER0 RESET External or Internal
11
- not used
2
T0STR
00
TIMER0 START Internal
01
TIMER0 START External
3
10
TIMER0 START External or Internal
11
- not used
4
T0CLK
0
TIMER0 Clock Internal
1
TIMER0 Clock External
5
T0MSK
0
TIMER 0 reset synchronization mask.
TIMER 0 RESET enabled
1
TIMER0 reset synchronization mask.
TIMER0 RESET masked
6
T2MSK
0
TIMER2 reset synchronization mask.
TIMER2 RESET enabled
1
TIMER2 reset synchronization mask.
TIMER2 RESET masked
7
T1MSK
0
TIMER1 reset synchronization mask.
TIMER1 RESET enabled
1
TIMER1 reset synchronization mask.
TIMER1 RESET masked
D7 D6 D5 D 4 D3 D2 D1 D0
T0RST: Tim er 0 RESET Mode
T0STR : Tim er 0 START Mode
T0CLK: Tim er 0 Clock Source
T0MSK: Tim er 0 RESE T Mask
T2MSK: Tim er 2 RESE T Mask
T1MSK: Tim er 1 RESE T Mask
REG_CONF 7
TIMER 0, TIMER 1, TIMER2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com