Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 34 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button T410 Datasheet HTML 30Page - STMicroelectronics T410 Datasheet HTML 31Page - STMicroelectronics T410 Datasheet HTML 32Page - STMicroelectronics T410 Datasheet HTML 33Page - STMicroelectronics T410 Datasheet HTML 34Page - STMicroelectronics T410 Datasheet HTML 35Page - STMicroelectronics T410 Datasheet HTML 36Page - STMicroelectronics T410 Datasheet HTML 37Page - STMicroelectronics T410 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
ST52T410/ST52T420/E420
34/84
5 CLOCK, RESET & POWER SAVING MODE
5.1 System Clock
The
ST52T410/ST52x420
Clock
Generator
module generates the internal clock for the internal
Control Unit, ALU and on-chip peripherals and it is
designed to require a minimum number of external
components.
The
ST52T410/ST52x420
oscillator
circuit
generates an internal clock signal with the same
period and phase as that of the OSCin input pin.
The maximum frequency allowed is 20 Mhz.
The system clock may be generated by using
either a quartz crystal, ceramic resonator or an
external clock.
The different methods of the clock generator are
illustrated in Figure 5.1.
When an external clock is used, it must be
connected on the OSCin pin, while OSCout can be
floating.
The crystal oscillator start-up time is a function of
many variables: crystal parameters (especially
Rs),
oscillator
load
capacitance
(CL),
IC
parameters,
environment
temperature,
supply
voltage.
Figure 5.1 Oscillator Connections
Note: The crystal or ceramic leads and circuit
connections must be as short as possible. Typical
values for CL1, CL2 are 10pF for a 20 MHz crystal.
5.2 RESET
There are two Reset sources:
- RESET pin (external source.)
- WATCHDOG (internal source)
When a Reset event happens, the user program
restarts from the beginning.
The Reset pin is an input. An internal reset does
not affect this pin.
A Reset signal originated by external sources is
recognized instantaneously. The RESET pin may
be used to ensure VDD has risen to a point where
the MCU can operate correctly before the user
program runs. In working mode Reset must be set
to ‘1’ (see Table 2.1).
5.3 Power Saving Mode
There are two Power Saving modes: WAIT and
HALT mode. These conditions may be entered
using the WAIT or HALT instructions.
5.3.1 Wait Mode
Wait mode places the MCU in low power
consumption by stopping the CPU. All peripherals
OSCin
OSCout
ST52X420
OSCin
ST52X420
OSCout
CRYSTAL CLOCK
EXTERNAL CLOCK
Cl1
10pF
Cl2
10pF
CLOCK
INPUT
FLOATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com