Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 48 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button T410 Datasheet HTML 44Page - STMicroelectronics T410 Datasheet HTML 45Page - STMicroelectronics T410 Datasheet HTML 46Page - STMicroelectronics T410 Datasheet HTML 47Page - STMicroelectronics T410 Datasheet HTML 48Page - STMicroelectronics T410 Datasheet HTML 49Page - STMicroelectronics T410 Datasheet HTML 50Page - STMicroelectronics T410 Datasheet HTML 51Page - STMicroelectronics T410 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
ST52T410/ST52T420/E420
48/84
If input voltage is less than VSS (voltage reference
low) then the result is equal to 00h.
The A/D converter is linear and the digital result of
the conversion is provided by the following
formula:
Where Reference Voltage is Vdda -Vss.
The accuracy of the conversion is described in the
Electrical Characteristics Section.
The A/D converter is not affected by the WAIT
mode.
When the MCU enters HALT mode with A/D
converter enabled, the converter is disabled until
HALT mode is terminated and the start-up delay
has elapsed. A stabilization period is also required
before accurate conversions can be performed.
Figure 8.2 Conf. Register (REG_CONF 3)
8.2.1 Operating Modes.
Four main operating modes can be selected by
setting the values of the LP and SEQ bit in the A/D
configuration Register.
One Channel Single Mode
In this mode (SEQ = ‘0’’, LP = ‘0’) the A/D provides
an EOC signal after the end of channel i-th
conversion; then the A/D waits for a new start
event. Channel i-th is identified by the bit CH0,
CH1, CH2.
i.e CH(2:0) = ‘011’ means conversion of channel 3
then stop.
Multiple Channels Single Mode
In this mode (SEQ = ‘1’, LP = ‘0’) the A/D provides
an EOC signal after the end of the channels
sequence conversion identified by the bit CH0,
CH1, CH2; then the A/D waits for a new start event.
i.e. CH(2:0) = ‘011’ means conversion of channels
0,1,2 and 3 then stop.
Digitalr es ult
255inputVoltage
re fe re nce V oltage
------------------------------------------------
=
D7
D0
CH2 CH1 CH0 SCK SEQ POW
LP STR
REG_CONF 3
START/STOP
CONVERSION MODE SEL.
ON/OFF A/D
CONVERSION MODE SEL.
CLOCK SELECTOR
CHANNELS SEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com