Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 8 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button T410 Datasheet HTML 4Page - STMicroelectronics T410 Datasheet HTML 5Page - STMicroelectronics T410 Datasheet HTML 6Page - STMicroelectronics T410 Datasheet HTML 7Page - STMicroelectronics T410 Datasheet HTML 8Page - STMicroelectronics T410 Datasheet HTML 9Page - STMicroelectronics T410 Datasheet HTML 10Page - STMicroelectronics T410 Datasheet HTML 11Page - STMicroelectronics T410 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
ST52T410/T420/E420
8/84
When this phase starts, the ST52T410/ST52x420
core are set to RESET status; then 12V are applied
t o t h e V p p pi n i n o rder t o s t art E P R O M
programming. A signal applied to PB1 is used to
increm ent th e m emory address; the da ta i s
supplied to PORT A (see EPROM programming for
further details).
1.2.2 Working mode.
Below are the control signals of this mode:
The processor starts the working phase following
the instructions, which have been previously
loaded in the memory.
ST52T410/ST52x420’s internal structure includes
a computational block, CONTROL UNIT (CU) /
DATA PROCESSING UNIT (DPU), which allows
p roc essi ng of bo ol ea n fun ctio ns a nd fu zzy
algorithms.
The CU/DPU can manage up to 334 different
M e m bersh i p F unc ti ons fo r the f u zz y rul es
antecedent part. The rule consequents are “crisp”
values (real numbers). The maximum number of
rul es tha t can be defined i s l im ite d b y the
d i m e ns i o ns o f th e i m p l e m e n t ed s t an da rd
algorithm.
EPR OM i s th en sh are d be tw ee n fuzzy an d
standard algorithms. The Membership Function
data is stored inside the fi rst 1024 mem ory
locations. The Fuzzy rules are parts of the program
instructions.
The Control Unit (CU) reads the information and
the status deriving from the peripherals.
Arithmetic calculus can be performed on these
values by using the internal CU and the 128 bytes
of RAM, which supports all computations. The
peripheral input can be fuzzy and/or arithmetic
output, or the values contained in Data RAM and
EPROM locations.
Figure 1.1 ST52x420 SO28 Pin Configuration
RESET
TEST
VPP
VDD
VSS
VSS
RESET
OSCOUT
OSCIN
TEST
INT/PC0
T0OUT/PC1
T1OUT/PC2
T2OUT/PC3
Ain0/PB0
Ain1/PB1
Ain2/PB2
Ain3/PB3
VDDA
GNDA
VDD
VSS
VPP
PA0/T0RES
PA1/T0OUT
PA2/T1OUT
PA3/T2OUT
PA4/T0STRT
PA5/T0CLK
PA6
PA7/PB7/Ain7
PB6/Ain6
PB5/Ain5
PB4/Ain4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SO28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com