Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 55 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button T410 Datasheet HTML 51Page - STMicroelectronics T410 Datasheet HTML 52Page - STMicroelectronics T410 Datasheet HTML 53Page - STMicroelectronics T410 Datasheet HTML 54Page - STMicroelectronics T410 Datasheet HTML 55Page - STMicroelectronics T410 Datasheet HTML 56Page - STMicroelectronics T410 Datasheet HTML 57Page - STMicroelectronics T410 Datasheet HTML 58Page - STMicroelectronics T410 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
ST52T410/ST52T420/E420
55/84
The PWM TIMERxOUT period can be determined
by setting the 16-bit prescaler x output and an
initial autoreload 8-bit counter value stored in the
Output Register PWM_x_RELOAD, as illustrated
in Figure 10.4.
NOTE: the Start/Stop and Set/Reset signals
should be moved together in PWM mode. If the
Start/Stop bit is reset during the PWM mode
working, the TxOUT signal keeps its status
until the next start.
The Output Register PWM_x_RELOAD value is
automatically reloaded when Counter x restarts
counting.
The 16-bit Prescaler x divides the master clock,
CLKM, or, only for TIMER0, the external T0CLK
signal, by the 16-bit Prescaler x.
NOTE: The external clock signal, applied on
T0CLK pin must have a frequency at least two
times smaller than the internal master clock.
The Prescaler x output can be selected by setting
PRESCx bit of REG_CONF6, REG_CONF9 and
REG_CONF11 registers (see Table 10.2, Table
10.5 and Table 10.7).
When Counter x reaches the Peripheral Register
PWM_x_COUNT
value
(Compare
Value),
TIMERxOUT signal changes from high to low level,
up to the next counter start.
The period of the PWM signal is obtained by using
the following equation:
T = (255 - PWM _x_RELOAD)x TMR CLKx
where TMRCLKx is the output of the 16-bit
prescaler x.
The duty cycle of the PWM signal is controlled by
the Output Register PWM_x_COUNT:
Ton =(PWM_x_COUNT- PWM_x_RELOAD)*
TMRCLKx
If the Output Register PWM_x_COUNT value is
255 the TIMERxOUT signal is always at a high
level.
If the Output Register PWM_x_COUNT is 0, or
less
than
the
PWM_x_RELOAD
value,
TIMERxOUT signal is always at a low level.
NOTE. If PWM_x_RELOAD value increases the
duty cycle resolution decreases. PWM cannot
work with a PWM_x_RELOAD value equal to
255.
By using a 20 MHz clock master a PWM frequency
in the range 1.2 Hz to 78.43 Khz can be obtained.
WARNING: loading new values of the counter
or of the reload in the Output Registers, the
PWM/Timer registers are immediately set on-
fly. This can cause some side effects during
the current counting cycle. The next cycles
work normally. This occurs both in Timer and
in PWM mode.
When the Timers are in Reset, or when the
device is reset, TxOut pins go in threestate. If
these outputs are used to drive external
devices it is recommended to put a pull-up or a
pull-down resistor.
10.3 Timer Interrupt
TIMERx can be programmed to generate an
Interrupt request at the end of the count or when
there is an external TSTART signal. The Timer can
generate programmable Interrupts into 4 different
modes:
Interrupt mode 1: Interrupt on counter Stop.
Interrupt mode 2: Interrupt on Rising Edge of
TIMEROUT.
Interrupt mode 3: Interrupt on Falling Edge of
TIMEROUT.
Interrupt mode 4: Interrupt on both edges of
TIMEROUT.
Interrupt mode can be selected by means of
INTSLx and INTEx bits of the REG_CONF5,
REG_CONF8 and REG_CONF10 registers (see
Table 10.1, Table 10.4 and Table 10.6).
NOTE: the interrupt on TIMEROUT rising edge
is also generated after the Start.
WARNING: the first interrupt after starting
PWM is not generated if the counter value is 0,
255, or lower than the reload value. If the PWM/
Timer is configured with the Interrupt on Stop
and the Start/Stop is configured as external, a
low signal in the STRT pin determines a PWM/
Timer interrupt even if the peripheral is off. If
the interrupt is configured on falling edge, a
reset signal generates an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com