Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 35 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button T410 Datasheet HTML 31Page - STMicroelectronics T410 Datasheet HTML 32Page - STMicroelectronics T410 Datasheet HTML 33Page - STMicroelectronics T410 Datasheet HTML 34Page - STMicroelectronics T410 Datasheet HTML 35Page - STMicroelectronics T410 Datasheet HTML 36Page - STMicroelectronics T410 Datasheet HTML 37Page - STMicroelectronics T410 Datasheet HTML 38Page - STMicroelectronics T410 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
ST52T410/ST52T420/E420
35/84
and the watchdog remain active. During WAIT
mode, Interrupts are enabled. The MCU will
remain in Wait mode until an Interrupt or a RESET
occurs, whereupon the Program Counter jumps to
theinterrupt serviceroutineor, if aRESET occurs,
at the beginning of the user program.
REMARK: In Wait mode the CPU clock does not
stop.
5.3.2 Halt Mode
Halt mode is MCU’s lowest power consumption
mode, which is entered by executing the HALT
instruction. The internal oscillator is turned off,
causing all internal processing to stop, including
the operations of the on-chip peripherals.
Figure 5.2 Reset Block Diagram
Figure 5.3 Simple Reset Circuit
Halt mode cannot be used when the watchdog
is enabled.
If the HALT instruction is executed while the
watchdog system is enabled, it will be skipped
without modifying the normal CPU operations.
TheICU canexit Halt modeafter anexternal inter-
rupt or reset. The oscillator is then turned on and
stabilization time is provided before restarting
CPU operations. Stabilization time is 4096 CPU
clock cycles after the interrupt and 1.000.000 after
the Reset.
After the start up delay, the CPU restarts opera-
tions by serving the external interrupt routine.
Reset makes the ICU exit from HALT mode and
restart, after the delay, from the beginning of the
user program after the delay.
Warning: if the External Interrupt is disabled, the
ICU exits from the Halt mode and jumps to the
lower priority interrupt routine.
Figure 5.4 WAIT Flow Chart
WATCHDOG RESET
RESET
INTERNAL
RESET
Vcc
100
F
10k
2.2k
2.2k
1 F
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com