Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 31 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button T410 Datasheet HTML 27Page - STMicroelectronics T410 Datasheet HTML 28Page - STMicroelectronics T410 Datasheet HTML 29Page - STMicroelectronics T410 Datasheet HTML 30Page - STMicroelectronics T410 Datasheet HTML 31Page - STMicroelectronics T410 Datasheet HTML 32Page - STMicroelectronics T410 Datasheet HTML 33Page - STMicroelectronics T410 Datasheet HTML 34Page - STMicroelectronics T410 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
ST52T410/ST52T420/E420
31/84
Figure 4.5 Interrupt Configuration Register 1
4.5 Interrupt Priority
Six priority levels are available: level 5 has the
lowest priority, level 0 has the highest priority.
Level 5 is associated to the Main Program, levels 4
to 1 are programmable by means of the priority
registers called REG_CONF1 (see Figure 4.5 and
Table 4.3); whereas the higher level is related to
the external interrupt (INT_EXT).
PWM/Timers and ADC are identified by a two-bit
Peripheral Codes (see Table 4.2); in order to set
the
i-th priority level the user must write the
peripheral label
i in the related INTi priority level.
i.e.
LDRC
10,
201
//(load
the
value
201=’11001001’ in the RAM Register 10)
LDCR
1,
10
//
set
the
REG_CONF1=
‘11001001’
The following priority levels are defined:
s
Level 1: INT_PWM/TIMER0 (PWM/TIMER 0
Code: 01)
s
Level 2: INT_PWM/TIMER0 (PWM/TIMER 1
Code: 10)
s
Level 3: INT_ADC (ADC Code: 00) (ST52x420
only)
s
Level 4: INT_PWM/TIMER0 (PWM/TIMER 2
Code: 11)
Table 4.3 Conf. Register 1
Bit
Name
Value
Level
0, 1
INT1
Peripheral
Code
High
2,3
INT2
Peripheral
Code
Medium-High
4,5
INT3
Peripheral
Code
Medium-Low
70
REG_CONF 1
PRIORITY HIGH
PRIORITY MED. HIGH
PRIORITY MED. LOW
PRIORITY LOW
LOW
LOW
MEDL
MEDL
MEDH
HIGH
HIGH
MEDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com