Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 29 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button T410 Datasheet HTML 25Page - STMicroelectronics T410 Datasheet HTML 26Page - STMicroelectronics T410 Datasheet HTML 27Page - STMicroelectronics T410 Datasheet HTML 28Page - STMicroelectronics T410 Datasheet HTML 29Page - STMicroelectronics T410 Datasheet HTML 30Page - STMicroelectronics T410 Datasheet HTML 31Page - STMicroelectronics T410 Datasheet HTML 32Page - STMicroelectronics T410 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
ST52T410/ST52T420/E420
29/84
Routine associated to the interrupt with higher
priority will start.
In order to avoid possible conflicts between
interrupt masking set in the main program, or
inside high level language compiler macros, the
GIP is hung up through the User Global Interrupt
Mask or the Macro Global Interrupt Mask (see
Figure 4.2).
UEGI/UDGI instruction switches on/off the User
Global Interrupt Mask, enabling/disabling the GIR
for the main program.
MEGI/MDGI instructions switch the Macro Global
Interrupt Mask on/off, in order to ensure that the
macro will not be broken.
4.3 Interrupt Sources
ST52T410/ST52x420 manages interrupt signals
generated by the internal peripherals (PWM/
Timers and Analog to Digital Converter) or coming
from the INT/PC0 pin. The External Interrupt is
active on the rising of INT/PC0 signal.
Each peripheral can be programmed in order to
generate the associated interrupt; further details
are described in the related chapter.
4.4 Interrupt Maskability
The interrupts can be masked by configuring the
REG_CONF 0 by means of LDCR, or LDCE,
instruction. The interrupt is enabled when the bit
associated to the mask interrupt is “1". Viceversa,
when the bit is ”0", the interrupt is masked and is
kept pendent.
For example:
LDRC 10,6 //load the constant 6 in the
RAM Register 10
LDCR 0, 10 // set the CONF_REG 0 with
the value stored in the RAM Register
10
the result is CONF_REG0 =00000110 enabling the
interrupts deriving from the ADC (INT_ADC)
(ST52x420 only) and from the PWM/TIMER 0
(INT_PWM/TIMER0).
(*) ST52x420 only
Reset Configuration ‘000000’
Table 4.1 Configuration Register 0
Description
Bit
Name
Value
Description
0MSKE
0
External Interrupt
Masked
1
External Interrupt
Not Masked
1
MSKAD
0
A/D Converter (*)
Interrupt
Masked
1
A/D Converter (*)
Interrupt
Not Masked
2
MSKTM0
0
PWM/TIMER 0
Interrupt
Masked
1
PWM/TIMER 0
Interrupt
Not Masked
3
MSKTM1
0
PWM/TIMER 1
Interrupt
Masked
1
PWM/TIMER 1
Interrupt
Not Masked
4
MSKTM2
0
PWM/TIMER 2
Interrupt
Masked
1
PWM/TIMER 2
Interrupt
Not Masked
5
Not used
-
6
Not used
4
Not used
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com