Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 49 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button T410 Datasheet HTML 45Page - STMicroelectronics T410 Datasheet HTML 46Page - STMicroelectronics T410 Datasheet HTML 47Page - STMicroelectronics T410 Datasheet HTML 48Page - STMicroelectronics T410 Datasheet HTML 49Page - STMicroelectronics T410 Datasheet HTML 50Page - STMicroelectronics T410 Datasheet HTML 51Page - STMicroelectronics T410 Datasheet HTML 52Page - STMicroelectronics T410 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
ST52T410/ST52T420/E420
49/84
One Channel Continuous Mode
In this mode (SEQ = ‘0’’, LP = ‘1’) a continuous
conversion flow is entered by a starting event on
the channel selected by the CH0, CH1, CH2 bits
For example: CH(2:0) = ‘011’ means continuous
conversion of channel 3. At the end of each
conversion the relative IR is updated with the last
conversion result, while the former value is lost.
To stop the conversion STR has to be set to ‘0’.
Multiple Channels Continuous Mode
In this mode (SEQ = ‘1’’, LP = ‘1’) a continuous
conversion flow is entered by a starting event on
the channels selected by the CH0, CH1, CH2 bits.
i.e CH(2:0) = ‘011’ means continuous conversion
of channel 0,1,2 and 3.
At the end of each conversion the relative IRs are
updated with the last conversion results, while the
former values are lost.
To stop the conversion STR has to be set to ‘0’.
8.2.2 Power Down Mode.
Before enabling any A/D operation mode, set the
POW bit of the A/D configuration register to ‘1’ at
least 60
µs before the first conversion starts to
enable the biasing circuit inside the analog section
of the converter. Clearing the POW bit (POW = ‘0’)
is useful when the A/D is not used, reducing the
total chip power consumption. This state is also the
reset configuration and it is forced by hardware
when thecoreis inHALT state (after aHALT
instruction execution).
8.3 A/D Registers Description
The result of the conversions of the 8 available
channels are loaded in the 8 Input Register from
decimal address 1 to decimal address 8. (IR (1:8)
see Table 2.2)). Every IR(1:8) is reloaded with a
new value at the end of the conversion of the
correspondent analog input.
By using the assembler instruction:
LDRI RAM_Reg. IR_i
the value stored in the i-th IR is transferred on the
RAM location RAM_Reg.
The A/D configuration register is the REG_CONF
3. Figure 7.2 illustrates the structure of this
register, which manages the A/D logic operation.
The A/D configuration register (REG_CONF 3) is
programmable as following:
b7-b5 = CH2, CH1, CH0: Last Conversion
Address. These 3 bits define the last analog input.
The first analog input is converted, then the
address
is
incremented
for
the
successive
conversion until the channel identified by CH0-
CH2 is converted. The (CH2, CH1, CH0) bits
define the group of channels to be scanned. When
setting CH2=0 CH1=0 CH0=0 only channel 0 is
converted.
b4 = SCK: Master clock divider. ST52x420 can
work with a clock frequency up to 20 MHz. The
SCK must be set to ‘1’ when the ST52x420 clock is
higher then 10 MHz. It is useful to set SCK = ‘1’
even when the clock master is lower than 10 MHz
and a high accuracy is required.
b3 = SEQ: Multiple/Single channel. When SEQ is
set to ‘0’ the channel identified by CH(2:0) is
converted. If SEQ is set to ‘1’ the group of channels
identified by CH(2:0) are converted.
b2= POW: Power Up/ Power Down. A logical ‘1’
enables the A/D logic and analog circuitry.
Logical level ‘0’ disables all power consuming
logic, allowing a low power idle status.
b1 = LP: Continuous/Single. When this bit is set to
‘1’
(continuous
mode),
the
first
conversion
sequences are started by the STR bit then a
continuous conversion flow is processed.
When LP=’0’ (single mode) only one sequence of
conversions is started when STR is set.
b0 = STR: Start/Stop. A logical level ‘1’ enables
starting a conversion sequence; a logical level ‘0’
stops the conversion. When the A/D is running in
the Single Modes (LP=’0’), this bit is hardware
reset at the end of a conversion sequence.
Table 8.1 A/D Conf. Register (Reg_Conf 3)
Bit
Name
Value
Description
0
STR
0
Stop Conversion
1
Start Conversion
1LP
0
Single Conversion
1
Continuous
2POW
0
A/D OFF
1
A/D ON
3
SEQ
0
Single Channel Conv.
1
Multiple Channels Conv
4
SCK
0
Clock not Divided
1
Clock Divided
5
CH(2:0)
000
Channel 0
001
Channel 1
010
Channel 2
6
011
Channel 3
100
Channel 4
7
101
Channel 5
110
Channel 6
111
Channel 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com