Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 83 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button T410 Datasheet HTML 76Page - STMicroelectronics T410 Datasheet HTML 77Page - STMicroelectronics T410 Datasheet HTML 78Page - STMicroelectronics T410 Datasheet HTML 79Page - STMicroelectronics T410 Datasheet HTML 80Page - STMicroelectronics T410 Datasheet HTML 81Page - STMicroelectronics T410 Datasheet HTML 82Page - STMicroelectronics T410 Datasheet HTML 83Page - STMicroelectronics T410 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
ST52T410/ST52T420/E420
83/84
ORDERING INFORMATION
Each device is available for production in user programmable version (OTP) as well as in factory pro-
grammed version (FASTROM). OTP devices are shipped to the customer with a default blank content
FFh, while FASTROM factory programmed parts contain the code sent by the customer. There is one
common EPROM version for debugging and prototyping, which features the maximum memory size and
peripherals of the family. Care must be taken only to use resources available on the target device.
Figure 11.16 Device Types Selection Guide
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ST52T410G0B6
-40 to +85
°CPDIP
ST52T410G0M6
-40 to +85
°CPSO
ST52T410G1B6
-40 to +85
°CPDIP
ST52T410G1M6
-40 to +85
°CPSO
ST52T410G2B6
-40 to +85
°CPDIP
ST52T410G2M6
-40 to +85
°CPSO
ST52T420G0B6
-40 to +85
°CPDIP
ST52T420G0M6
-40 to +85
°CPSO
ST52T420G1B6
-40 to +85
°CPDIP
ST52T420G1M6
-40 to +85
°CPSO
ST52T420G2B6
-40 to +85
°CPDIP
ST52T420G2M6
-40 to +85
°CPSO
ST52T420G2D6
-40 to +85
°CCDIP
ST52
t
nnn
c m
p
y
TEMPERATURE RANGE:
6 =-40 to 85 °C
PACKAGES:
B =PDIP
M =PSO
D = CDIP
MEMORY SIZE:
0 =1 Kb
1 =2 Kb
2 =4 Kb
PIN COUNT:
G =28 pin
SUBFAMILY:
410, 420
MEMORY TYPE:
T =OTP
E =EPROM
FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com