Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 43 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button T410 Datasheet HTML 39Page - STMicroelectronics T410 Datasheet HTML 40Page - STMicroelectronics T410 Datasheet HTML 41Page - STMicroelectronics T410 Datasheet HTML 42Page - STMicroelectronics T410 Datasheet HTML 43Page - STMicroelectronics T410 Datasheet HTML 44Page - STMicroelectronics T410 Datasheet HTML 45Page - STMicroelectronics T410 Datasheet HTML 46Page - STMicroelectronics T410 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
ST52T410/ST52T420/E420
43/84
7.5 I/O Port Configuration Registers
The I/O mode for each bit of the three ports is
selected by using the Configuration Registers 4,
13 and 15 (See Table 7.1) The structure of these
registers is illustrated in the following tables.
Each bit of the configuration registers determines
the I/O mode of the related port pin.
Table 7.4 Ports A REG_CONF 4
Bit
Name
Value
Description
0D0
0
Set the pin PA0/T0RES
in Output Mode
1
Set the pin PA0/T0RES
in Input Mode
1D1
0
Set the pin PA1/T0OUT
in Output Mode
1
Set the pin PA1/T0OUT
in Input Mode
2D2
0
Set the pin PA2/T1OUT
in Output Mode
1
Set the pin PA2/T1OUT
in Input Mode
3D3
0
Set the pin PA3/T2OUT
in Output Mode
1
Set the pin PA3/T2OUT
in Input Mode
4D4
0
Set the pin PA4/T0STRT
in Output Mode
1
Set the pin PA4/T0STRT
in Input Mode
5D5
0
Set the pin PA5/T0CLK
in Output Mode
1
Set the pin PA5/T0CLK
in Input Mode
6D6
0
Set the pin PA6 in
Output Mode
1
Set the pin PA6 in Input
Mode
7D7
0
Set the pin PB7/PA7/
Ain7 in Output Mode
1
Set the pin PB7/PA7/
Ain7 in Input Mode
Reset Configuration ‘11111111’
Table 7.5 Ports B REG_CONF 13
Bit
Name
Value
Description
0D0
0
Set the pin PB0/Ain0
in Output Mode
1
Set the pin PB0/Ain0
in Input Mode
1D1
0
Set the pin PB1/Ain1
in Output Mode
1
Set the pin PB1/Ain1
in Input Mode
2D2
0
Set the pin PB2/Ain2
in Output Mode
1
Set the pin PB2/Ain2
in Input Mode
3D3
0
Set the pin PB3/Ain3
in Output Mode
1
Set the pin PB3/Ain3
in Input Mode
4D4
0
Set the pin PB4/Ain4
in Output Mode
1
Set the pin PB4/Ain4
in Input Mode
5D5
0
Set the pin PB5/Ain5
in Output Mode
1
Set the pin PB5/Ain5
in Input Mode
6D6
0
Set the pin PB6/Ain6
in Output Mode
1
Set the pin PB6/Ain6
in Input Mode
7D7
0
Set the pin PB7/PA7/
Ain7 in Output Mode
1
Set the pin PB7/PA7/
Ain7 in Input Mode
Reset Configuration ‘11111111’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com