Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 1 Page - STMicroelectronics

  T410 Datasheet HTML 1Page - STMicroelectronics T410 Datasheet HTML 2Page - STMicroelectronics T410 Datasheet HTML 3Page - STMicroelectronics T410 Datasheet HTML 4Page - STMicroelectronics T410 Datasheet HTML 5Page - STMicroelectronics T410 Datasheet HTML 6Page - STMicroelectronics T410 Datasheet HTML 7Page - STMicroelectronics T410 Datasheet HTML 8Page - STMicroelectronics T410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Rev. 1.6 - November 2002
1/84
PRELIMINARY DATASHEET
ST52T410/T420/E420
8-BIT INTELLIGENT CONTROLLER UNIT (ICU)
Three Timer/PWMs, ADC, WDG
®
Memories
Up to4Kbytes OTP
128 bytes of RAM
Readout Protection
Core
Register File Based Architecture
55 instructions
Hardware multiplication and division
Decision Processor for the implementation of
Fuzzy Logic algorithms
Clock and Power Supply
Up to 20 MHz clock frequency.
Power Saving features
Interrupts
Up to 5 interrupt vectors
Top Level External Interrupt (INT)
I/O Ports
19 I/O PINs configurable in Input and Output
mode
High current sink/source in all pins.
Peripherals
3 Programmable 8-bit Timer/PWMs with internal
16-bit Prescaler featuring:
– PWM output
– Input capture
– Output compare
– Pulse generator mode
On-chip 8-bit Sample and Hold A/D Converter
with 8-channel analog multiplexer (ST52T420/
E420 only)
Watchdog timer
Development tools
High level Software tools
Emulator
Low cost Programmer
Gang Programmer
ST52T410/T420/
E420


Similar Part No. - T410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410 STMICROELECTRONICS-T410 Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-400T STMICROELECTRONICS-T410-400T Datasheet
119Kb / 10P
Based on ST?셲 Snubberless
25-Mar-2005
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T410-600B JIEJIE-T410-600B Datasheet
662Kb / 6P
4A TRIACs
More results

Similar Description - T410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
Rev. 1.18
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Rev. 2.9
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
Rev. 1.9
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST52X420 STMICROELECTRONICS-ST52X420 Datasheet
1Mb / 84P
8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Rev. 1.7
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
8-Bit MCU,ADC,LCD Controller
logo
STMicroelectronics
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
12-bit ADC Enhanced 8-bit Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com