Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 78 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button T410 Datasheet HTML 74Page - STMicroelectronics T410 Datasheet HTML 75Page - STMicroelectronics T410 Datasheet HTML 76Page - STMicroelectronics T410 Datasheet HTML 77Page - STMicroelectronics T410 Datasheet HTML 78Page - STMicroelectronics T410 Datasheet HTML 79Page - STMicroelectronics T410 Datasheet HTML 80Page - STMicroelectronics T410 Datasheet HTML 81Page - STMicroelectronics T410 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
ST52T410/ST52T420/E420
78/84
11.9 Control Pin Characteristics
11.9.1 RESET pin.
Subject to general operating conditions for VDD,fosc, and TA, unless otherwise specified
11.9.2 VPP pin.
Subject to general operating conditions for VDD, fosc, and TA,unless otherwise specified.
Notes:
1. Data is based on characterization results, not tested in production.
2. Hysteresis voltage between Schmitt trigger switching level.
Based on characterization results not tested in production.
3. Data is based on design simulation and/or technology characteristics, not tested in production.
4. In working mode VPP must be tied to VSS
Table 11.13 Reset pin
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage1)
VDD=5 V
0.8
V
VIH
Input high level voltage1)
VDD=5 V
2.2
Vhys
Schmitt trigger voltage hysteresis2)
VDD=5 V
1.4
tw(RSTL)out
General reset pulse duration
30
µS
th(RSTL)int
External reset pulse hold time
20
Table 11.14 VPP
4) pin
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage3)
VSS
0.2
V
VIH
Input high level voltage3)
VDD-0.1
12.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com