Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 68 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button T410 Datasheet HTML 64Page - STMicroelectronics T410 Datasheet HTML 65Page - STMicroelectronics T410 Datasheet HTML 66Page - STMicroelectronics T410 Datasheet HTML 67Page - STMicroelectronics T410 Datasheet HTML 68Page - STMicroelectronics T410 Datasheet HTML 69Page - STMicroelectronics T410 Datasheet HTML 70Page - STMicroelectronics T410 Datasheet HTML 71Page - STMicroelectronics T410 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
ST52T410/ST52T420/E420
68/84
11.3 Recommended Operating Condition
Operating condition: VDD=5V
±10%; TA=-25/85°C (unless otherwise specified).
Notes:
1. The maximum difference between VSS and VSSA, and between VDD and VDDA, must be less than 0.6 V
in module. The minimum value of VDDA is 3 V.
2. VDD depend on fOSC , seeFigure11.3
3. The fOSC minallowedtouse theA/D Converter is 2 MHz
4. Lower VDD decreasing fosc (see Figure 11.3). Data illustrated in the figure are characterized but not test-
ed.
Figure 11.3 fosc Maximum Operating Frequency versus VDD supply
Table 11.4 Recommended Operating Conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
VDD
Operating Supply1)2)
Refer to Figure 11.3
4.75
5.0
5.25
V
VPP
Programming Voltage
11.4
12
12.6
VO
Output Voltage
VSS
VDD
VDDA,VSSA
Analog Supply Voltage1)
VSS≤VSSA≤VDDA≤VDD
VSS
VDD
fOSC
1)2)
Oscillator Frequency
1
20
MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
16
18
20
Functionality not guarateed in this area
Functionality not guarateed in this area
Functionality guarateed in this area
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com