Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 54 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button T410 Datasheet HTML 50Page - STMicroelectronics T410 Datasheet HTML 51Page - STMicroelectronics T410 Datasheet HTML 52Page - STMicroelectronics T410 Datasheet HTML 53Page - STMicroelectronics T410 Datasheet HTML 54Page - STMicroelectronics T410 Datasheet HTML 55Page - STMicroelectronics T410 Datasheet HTML 56Page - STMicroelectronics T410 Datasheet HTML 57Page - STMicroelectronics T410 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
ST52T410/ST52T420/E420
54/84
Figure 10.4 PWM Mode with Auto Reload
LEVEL (Time Counter): If the T0STRT signal is
high the Timer starts counting. When T0STRT is
low the counting ceases and the current value is
stored in the PWM_0_COUNT Input Register.
EDGE(Period Counter): After reset, on the first
T0STRT rising edge, TIMER 0 starts counting and
at the next rising edge it stops. In this manner, the
period of an external signal may be measured.
Timer x output signal, TIMERxOUT is a signal with
a frequency equal to the 16 bit-Prescaler x output
signal, TMRCLKx, divided by the Output Register
PWM_x_COUNT value (8 bit) (Output Registers 3,
5 or 7. See Table 2.4), which is the value to count.
There can be two types of TIMERxOUT waveform:
type 1: TIMERxOUT waveform equal to a square
wave with a 50% duty-cycle.
type 2: TIMERxOUT waveform equal to a pulse
signal with the pulse duration equal to the
Prescaler x output signal.
For each Timer x, the TIMERxOUT waveform type
can be selected by setting the correspondent
TMRWx bit of REG_CONF6, REG_CONF9 and
REG_CONF11 registers (see Table 10.2, Table
10.5 and Table 10.7)
WARNING:
in
Timer
Mode
the
PWM_x_RELOAD output register (see below)
must be set to 0.
10.2 PWM Mode
For each timer, PWM working mode is obtained by
setting
the
correspondent
TxMODE
bits
of
REG_CONF5, REG_CONF8 and REG_CONF10
registers to 1 (see Table 10.1, Table 10.4 and
Table 10.6).
REMARK: The first period of the TxOUT signal
is
shorter than the other periods for a time
interval which is [0.5*TMRCLK-CLKM].
TIMERxOUT, in PWM Mode consists of a signal
with a fixed period, whose duty cycle can be
modified by the user.
The TIMERxOUT signal can be available on the
TxOUT pin and the TIMERxOUT inverted signal
canbeavailableon the TxOUT pin by setting the
PxSL bits of REG_CONF12 and REG_CONF16
(see Table 10.8 and Table 10.9)
t
t
255
compare
value
reload
register
0
PWM
Output
Ton
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com