Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 7 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button T410 Datasheet HTML 3Page - STMicroelectronics T410 Datasheet HTML 4Page - STMicroelectronics T410 Datasheet HTML 5Page - STMicroelectronics T410 Datasheet HTML 6Page - STMicroelectronics T410 Datasheet HTML 7Page - STMicroelectronics T410 Datasheet HTML 8Page - STMicroelectronics T410 Datasheet HTML 9Page - STMicroelectronics T410 Datasheet HTML 10Page - STMicroelectronics T410 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
ST52T410/T420/E420
7/84
1 GENERAL DESCRIPTION
1.1 Introduction
ST52T410/ST52x420 are 8-bit Intelligent Control
Units (ICU) of the ST Five Family, which can
perform both boolean and fuzzy algorithms in an
efficient manner, in order to reach the best
performances that the two methodologies allow.
S T 5 2 T 410 / S T 5 2x 42 0
a re
p r odu c e d
b y
ST M i croel ec tro ni cs usi ng the re li abl e hi gh
performance CMOS process, including integrated-
on-chip peripherals that allow maximization of
system reliability, decreasing system costs and
minimizing the number of external components.
The flexible I/O configuration of ST52x400/440
allows for an interface with a wide range of external
devices, like D/A converters or power control
devices.
ST52T 410/ST52x420 pins are configurable,
allowing the user to set the input or output signals
on each single pin.
A hardware multiplier (8 bit by 8 bit with 16 bit
result) and a divider (16 bit over 8 bit with 8 bit
result and 8 bit rem ainder) are availabl e to
implement complex functions by using a single
instruction. The program memory utilization and
computational speed is optimized.
Fuzzy Logic dedicated structures in ST52T410/
ST 52x420 ICU’ s can be exploi ted to m odel
complex systems with high accuracy in a useful
and easy way.
F u zzy Exp e r t S yste m s f o r o v e r a l l syste m
management and fuzzy Real time Controls can be
designed to increase performances at highly
competitive costs.
The linguistic approach characterizing Fuzzy Logic
is based on a set of IF-THEN rules, which describe
the control behavior, as well as on Membership
Functions, which are associated to input and
output variables.
Up to 334 Membership Functions, with triangular
and trapezoidal shapes, or singleton values are
available to describe fuzzy variables.
T h e T i m er / P W M pe ri ph era l al l o ws t h e
management of power devices and timing signals,
implementing different operating modes and high
frequency PWM (Pulse With Modulation) controls.
Input Capture and Output Compare functions are
available on the TIMER.
The programmable Timer has a 16 bit Internal
Prescaler and an 8 bit Counter. It can use internal
or external Start/Stop signals and clock.
An internal programmable Watchdog is available
to avoid loop errors and to reset the ICU.
ST52x420 includes an 8-bit Analog to Digital
Converter with an 8-analog channel Multiplexer.
Single/Multiple channels and Single/Sequence
conversion modes are supported.
In order to optimize energy consumption, two
different power saving modes are available: Wait
mode and Halt mode.
Program Memory (EPROM/OTP) addressing
capability addresses up to 8 Kbytes of memory
locations to store both program instructions and
permanent data.
EPROM can be locked by the user to prevent
external undesired operations.
Operations may be performed on data stored in
RAM, allowing the direct combination of new input
and feedback data. All bytes of RAM are used like
Register File.
OTP (One Time Programmable) version devices
are fully compatible with the EPROM windowed
version, which may be used for prototyping and
pre-production phases of development.
A powerful development environment consisting of
a b oard a nd software too ls al low s a n easy
configuration and use of ST52T410/ST52x420.
T h eVI S U A LF I V ETM s o f twa re t ool al l o ws
development of projects through a user-friendly
graphical interface and optimization of generated
code.
1.2 Functional Description
ST5 2T410/ST52x420 ICUs can work in two
modes:
s
Memory Programming Mode
s
Working Mode
according to RESET and Vpp signals levels (see
pins description).
Note: When RESET=0 it is advisable not to use
the sequence “101010“ to port PA (7 : 2).
1.2.1 Memory Programming Mode.
The ST52T410/ST52x420 memory is loaded in the
M emory Programm ing Phase. All fuzzy and
standard instructions a re written insid e the
memory.
This phase starts by setting the control signals as
illustrated below:
RESET
TEST
VPP
Vss
Vss
12V/VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com