Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 41 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button T410 Datasheet HTML 37Page - STMicroelectronics T410 Datasheet HTML 38Page - STMicroelectronics T410 Datasheet HTML 39Page - STMicroelectronics T410 Datasheet HTML 40Page - STMicroelectronics T410 Datasheet HTML 41Page - STMicroelectronics T410 Datasheet HTML 42Page - STMicroelectronics T410 Datasheet HTML 43Page - STMicroelectronics T410 Datasheet HTML 44Page - STMicroelectronics T410 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
ST52T410/ST52T420/E420
41/84
7 I/O PORTS
7.1 Introduction
ST52T410/ST52x420
devices
feature
flexible
individually programmable multi-functional input/
output lines. Refer to the following figure for
specific pin allocations.
19 I/O lines, grouped in 3 different ports are
available on the ST52T410/ST52x420:
PORT A = 7 or 8-bit ports (PA0 - PA7 pins)
PORT B = 7 or 8-bit ports (PB0 - PB7 pins)
PORT C = 4-bit port (PC0 - PC3 pins)
PIN 18 can be configured to belong to port A or to
port B.
These I/O lines can be programmed to provide
digital input/output and analog input, or to connect
input/output signals to the on-chip peripherals as
alternate pin functions.
Input buffers are TTL compatible with Schmitt
trigger in port A and C while port B is CMOS
compatible without Schmitt trigger.
The output buffer can supply up to 8 mA.
The port cannot be configured to be used
contemporaneously as input and output.
Figure 7.1 Ports A & C Functional Blocks
Each port is configured by using two configuration
registers. The first is used to determine if a pin is
an input or output, while the second defines the
Alternate functions.
7.2 Input Mode
The input configuration is selected by setting the
corresponding configuration register bit to “1”
(REG_CONF 4, 13 and 15) (see paragraph I/O
Port Configuration Registers). The ports are
configured by using the configuration registers
illustrated in the following table.
.
Digital input data is automatically stored in the
Input Registers, but it cannot be read directly. In
order to read a single bit of the IR its value must be
copied in a RAM location. Digital data is stored in a
RAM location by using the assembler instruction:
LDRI RAM_Reg Input_i
Table 7.1 I/O Port Configuration Registers.
PORT A
PORT B
PORT C
Reg_Conf 4
Reg_Conf 13
Reg_Conf 15
TTL
PORT A PIN
or PORT C PIN
TO INPUT REGISTER
and PERIPHERALS
FROM PERIPHERAL
FROM OUTPUT REGISTER
FROM CONFIGURATION REGISTER
FROM CONFIGURATION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com