Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T410 Datasheet(PDF) 39 Page - STMicroelectronics

Part # T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button T410 Datasheet HTML 35Page - STMicroelectronics T410 Datasheet HTML 36Page - STMicroelectronics T410 Datasheet HTML 37Page - STMicroelectronics T410 Datasheet HTML 38Page - STMicroelectronics T410 Datasheet HTML 39Page - STMicroelectronics T410 Datasheet HTML 40Page - STMicroelectronics T410 Datasheet HTML 41Page - STMicroelectronics T410 Datasheet HTML 42Page - STMicroelectronics T410 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
ST52T410/T420/E420
39/84
Figure 6.5 Example of valid Mbfs
6.6 Output Singleton
The Decision Processor uses a particular kind of
membership function called Singleton for its output
variables. A Singleton doesn’t have a shape, like a
traditional Mbf, and is characterized by a single
point identified by the couple (X, w), where w is
calculated by the Inference Unit as described
earlier. Often, a Singleton is simply identified with
its Crisp Value X.
Figure 6.6 Output Membership Functions
6.7 Fuzzy Rules
Rules can have the following structures:
if A op B op C...........then Z
if (A op B) op (C op D op E...) ...........then Z
where
op is one of the possible linguistic operators
(AND/OR)
In the first case the rule operators are managed
sequentially; in the second one, the priority of the
operator is fixed by the brackets.
Each rule is codified by using an instruction set, the
inference time for a rule with 4 antecedents and 1
consequent is about 3 microseconds at 20 MHz.
The Assembler Instruction Set used to manage the
Fuzzy operations is reported in the table below.
1
i-th OUTPUT
0
X
ij
X
i0
X
in
ω
i0
ω
ij
ω
in
j-th Singleton
Table 6.1 Fuzzy Instructions Set
Instruction
Description
MBF
n_mbf Ivd v rvd
Stores the Mbf
n_mbf with the shape identified by the parameters Ivd, v and rvd
LDP
nm
Fixes the alpha value of the input
n with the Mbf m and stores it in internal registers
LDN
nm
Calculates the complementary alpha value of the input
n with the Mbf m. and stores the result
in internal registers
FZAND
Implements the Fuzzy operation AND between the last two values stored in internal registers
FZOR
Implements the Fuzzy operation OR between the last two values stored in internal registers
LDK
Stores the result of the last Fuzzy operation executed in internal registers
SKM
Loads the result of the last performed Fuzzy operation (stored in the temporary register K) in
the temporary buffer M.
LDM
Copies the value of register M in the data stack
CON
crisp
Multiplies the
crisp value with the last
ω weight
OUT
n_out
Performs Defuzzyfication and stores the currently Fuzzy output in the RAM
n_out location
FUZZY
Starts the Fuzzy algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com