Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T610H Datasheet (PDF) - STMicroelectronics

T610H Datasheet PDF - STMicroelectronics
Part # T610H
Download  T610H Download
File Size   114.32 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 6 A sensitive TRIACs

T610H Datasheet (PDF)

Go To PDF Page Download Datasheet
T610H Datasheet PDF - STMicroelectronics

Part # T610H
Download  T610H Click to download

File Size   114.32 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 6 A sensitive TRIACs

T610H Datasheet (HTML) - STMicroelectronics


T610H Product details

Description

Specifically designed to operate at 150 °C, the new 6 A T610H TRIAC provides an enhanced performance in terms of power loss and thermal dissipation. This allows the optimization of the heatsink size, leading to space and cost effectiveness when compared to electro mechanical solutions. Based on ST logic level technology, the T610H offers an IGT lower than 10 mA and specified minimal commutation and high noise immunity levels valid up to the Tj max.



Features

■ Medium current TRIAC

■ Logic level sensitive TRIAC

■ 150 °C max. Tj turn-off commutation

■ Clip bounding

■ RoHS (2002/95/EC) compliant package



Applications

■ The T610H is designed for the control of AC actuators in appliances and industrial systems.

■ The multi-port drive of the microcontroller can control the multiple loads of such appliances and systems through this sensitive gate TRIAC.




Similar Part No. - T610H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T610 POWEREX-T610 Datasheet
248Kb / 6P
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
T610 POWEREX-T610 Datasheet
732Kb / 4P
Phase Control SCR (125-175 Amperes 1600 Volts)
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
6A TRIACS
logo
Powerex Power Semicondu...
T6100113 POWEREX-T6100113 Datasheet
248Kb / 6P
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
More results


Similar Description - T610H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
High temperature 12 A Triacs
17-Apr-2007
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
High temperature 4 A sensitive TRIACs
15-May-2009
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
High temperature 8 A sensitive TRIACs
15-May-2009
T1010H STMICROELECTRONICS-T1010H Datasheet
125Kb / 10P
High temperature 10 A sensitive TRIACs
15-May-2009
logo
Littelfuse
L2004F51TP LITTELFUSE-L2004F51TP Datasheet
176Kb / 8P
Sensitive Triacs
logo
New Jersey Semi-Conduct...
T2300 NJSEMI-T2300 Datasheet
137Kb / 2P
2.5-A Sensitive-Gate Silicon Triacs
logo
Littelfuse
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com